công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46000PWPR.B bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM46000PWPR.B
Giải thích chi tiết về linh kiện  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWPR.B bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM46000PWPR.B Datasheet HTML 1Page - Texas Instruments LM46000PWPR.B Datasheet HTML 2Page - Texas Instruments LM46000PWPR.B Datasheet HTML 3Page - Texas Instruments LM46000PWPR.B Datasheet HTML 4Page - Texas Instruments LM46000PWPR.B Datasheet HTML 5Page - Texas Instruments LM46000PWPR.B Datasheet HTML 6Page - Texas Instruments LM46000PWPR.B Datasheet HTML 7Page - Texas Instruments LM46000PWPR.B Datasheet HTML 8Page - Texas Instruments LM46000PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
LM46000
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
Input voltages
VIN to PGND
–0.3
65
V
EN to PGND
–0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
–0.3
3.6
PGOOD to AGND
–0.3
15
SYNC to AGND
–0.3
5.5
BIAS to AGND
–0.3
30
AGND to PGND
–0.3
0.3
Output voltages
SW to PGND
–0.3
VIN + 0.3
V
SW to PGND less than 10-ns transients
–3.5
65
CBOOT to SW
–0.3
5.5
VCC to AGND
–0.3
3.6
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±500
(1)
Recommended Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific
performance limits. For ensured specifications, see Electrical Characteristics.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input voltages
VIN to PGND
3.5
60
V
EN
–0.3
VIN
FB
–0.3
1.1
PGOOD
–0.3
12
BIAS input not used
–0.3
0.3
BIAS input used
3.3
28
AGND to PGND
–0.1
0.1
Output voltage
VOUT
1
28
V
Output current
IOUT
0
0.5
A
Temperature
Operating junction temperature range, TJ
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com