| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5CD080X0 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5CD080X0 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 18 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Fig 3. Functional diagram P5CN080/P5CN144 001aae955 S2C INTERFACE SIGIN SIGOUT IO1 IO2 PROGRAMMABLE IO 1, 2 CLK RST_N VDD VSS CIU ISO 14443 ROM 200 KB PROGRAM MEMORY SECURE_MX51 CPU 6144 B DATA MEMORY EEPROM 80 KB/ 144 KB DATA AND PROGRAM MEMORY CRC16 FAST RNG TIMERS 16-bit T0 16-bit T1 RAM FameXE ENHANCED PUBLIC KEY COPROCESSOR e.g. RSA, ECC AES COPROCESSOR TRIPLE-DES COPROCESSOR UART ISO 7816 CLOCK FILTER SECURITY SENSORS RESET GENERATION VOLTAGE REGULATOR MEMORY MANAGEMENT UNIT (MMU) CLOCK GENERATION P5CN080 P5CN144 |