| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358ADE4 bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358ADE4 bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 68 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 6-Sep-2025 Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2904AVQDRG4 SOIC D 8 2500 353.0 353.0 32.0 LM2904AVQPWR TSSOP PW 8 2000 353.0 353.0 32.0 LM2904AVQPWRG4 TSSOP PW 8 2000 353.0 353.0 32.0 LM2904BAIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM2904BAIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM2904BAIDR SOIC D 8 2500 353.0 353.0 32.0 LM2904BAIDR SOIC D 8 2500 353.0 353.0 32.0 LM2904BAIDR SOIC D 8 2500 340.5 336.1 25.0 LM2904BAIPWR TSSOP PW 8 2000 353.0 353.0 32.0 LM2904BIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM2904BIDGKR VSSOP DGK 8 2500 353.0 353.0 32.0 LM2904BIDR SOIC D 8 2500 353.0 353.0 32.0 LM2904BIDR SOIC D 8 2500 353.0 353.0 32.0 LM2904BIDR SOIC D 8 2500 340.5 336.1 25.0 LM2904BIPWR TSSOP PW 8 2000 353.0 353.0 32.0 LM2904DGKR VSSOP DGK 8 2500 356.0 356.0 35.0 LM2904DR SOIC D 8 2500 340.5 336.1 25.0 LM2904DR SOIC D 8 2500 340.5 338.1 20.6 LM2904DR SOIC D 8 2500 353.0 353.0 32.0 LM2904PSR SO PS 8 2000 353.0 353.0 32.0 LM2904PWR TSSOP PW 8 2000 353.0 353.0 32.0 LM2904QDR SOIC D 8 2500 353.0 353.0 32.0 LM2904VQDR SOIC D 8 2500 353.0 353.0 32.0 LM2904VQDRG4 SOIC D 8 2500 340.5 338.1 20.6 LM2904VQPWR TSSOP PW 8 2000 353.0 353.0 32.0 LM2904VQPWRG4 TSSOP PW 8 2000 353.0 353.0 32.0 LM358ADGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358ADR SOIC D 8 2500 340.5 336.1 25.0 LM358ADR SOIC D 8 2500 340.5 338.1 20.6 LM358ADR SOIC D 8 2500 353.0 353.0 32.0 LM358ADR SOIC D 8 2500 353.0 353.0 32.0 LM358APWR TSSOP PW 8 2000 353.0 353.0 32.0 LM358BAIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM358BAIDDFRG4 SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM358BAIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358BAIDR SOIC D 8 2500 340.5 336.1 25.0 LM358BAIDR SOIC D 8 2500 353.0 353.0 32.0 LM358BAIDR SOIC D 8 2500 353.0 353.0 32.0 LM358BAIPWR TSSOP PW 8 2000 353.0 353.0 32.0 LM358BIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM358BIDGKR VSSOP DGK 8 2500 353.0 353.0 32.0 LM358BIDR SOIC D 8 2500 353.0 353.0 32.0 LM358BIDR SOIC D 8 2500 340.5 336.1 25.0 Pack Materials-Page 5 |