| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358BAIDDFRG4 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFRG4 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 68 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM158JGB.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771001PA LM158 LM258ADGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -25 to 85 (M3L, M3P, M3S, M3 U) LM258ADGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (M3L, M3P, M3S, M3 U) LM258ADGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 (M3L, M3P, M3S, M3 U) LM258ADR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM258A LM258ADR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A LM258ADR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A LM258ADRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A LM258ADRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A LM258ADRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A LM258AP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258AP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258AP.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258APE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258APE4.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258APE4.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -25 to 85 LM258AP LM258DGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 (M2L, M2P, M2S, M2 U) LM258DGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 (M2L, M2P, M2S, M2 U) LM258DGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -25 to 85 (M2L, M2P, M2S, M2 U) LM258DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM258 LM258DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258DR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258DRG3 Obsolete Production SOIC (D) | 8 - - Call TI Call TI -25 to 85 LM258 LM258DRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 LM258DRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -25 to 85 LM258 Addendum-Page 2 |