| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358BAIDDFR.B bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFR.B bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 68 page ![]() Changes from Revision X (June 2020) to Revision Y (February 2021) Page • Updated the numbering format for tables, figures, and cross-references throughout the document................. 1 • Added SOT23-8 (DDF) package information throughout data sheet................................................................. 1 • Deleted preview tag from LM358B and LM2904B VSSOP (8) package in Device Information table.................1 • Added SOT23-8 (DDF) package information to the Pin Configuration and Functions section...........................3 • Added DDF (SOT-23) package to the Thermal Information table...................................................................... 5 Changes from Revision W (October 2019) to Revision X (June 2020) Page • Added application links to Applications section.................................................................................................. 1 • Deleted preview tag from LM358B and LM2904B TSSOP (8) package in Device Information table ................1 Changes from Revision V (September 2018) to Revision W (October 2019) Page • Changed CDM ESD rating for LM358B and LM2904B in ESD Ratings ............................................................4 • Changed VS to V+ in Recommended Operating Conditions ............................................................................. 5 • Changed Thermal Information for the LM158FK and LM158JG devices........................................................... 5 • Added Typical Characteristics section for the LM358B and LM2490B op amps.............................................. 15 • Added test circuit for THD+N and small-signal step response, G = –1 in the Parameter Measurement Information section........................................................................................................................................... 24 • Changed the Functional Block Diagram .......................................................................................................... 25 Changes from Revision U (January 2017) to Revision V (September 2018) Page • Changed the data sheet title ............................................................................................................................. 1 • Changed first four items in the Features section ...............................................................................................1 • Changed the first item in the Applications section and added four new items .................................................. 1 • Changed voltage values in the first paragraph of the Description section..........................................................1 • Changed text in the second paragraph of the Description section.....................................................................1 • Added devices LM358B and LM2904B to data sheet........................................................................................ 1 • Changed the first three rows of the Device Information table and added a cross-referenced note for PREVIEW-status devices................................................................................................................................... 1 • Added a table note to the Pin Functions table ...................................................................................................3 • Changed "free-air temperature" to "ambient temperature" in the Absolute Maximum Ratings condition statement.............................................................................................................................................4 • Changed all entries in the Absolute Maximum Ratings table except TJ and Tstg .............................................. 4 • Deleted lead temperature and case temperature from Absolute Maximum Ratings ......................................... 4 • Changed device listings and their voltage values in the ESD Ratings table ..................................................... 4 • Changed "free-air temperature" to "ambient temperature" in the Recommended Operating Conditions condition statement ........................................................................................................................................... 5 • Changed table entries for all parameters in the Recommended Operating Conditions table.............................5 • Added rows to the Thermal Information table, and a table note regarding device-package combinations ....... 5 • Deleted the Operating Conditions table............................................................................................................14 • Added a condition statement to the Typical Characteristics section.................................................................22 • Changed specific voltages to a Recommended Operating Conditions reference............................................ 25 • Changed unity-gain bandwidth from 0.7 MHz for all devices to 1.2 MHz for B-version devices...................... 26 • Changed slew rate from.3 V/µs for all devices to o.5 V/µs for B-version devices............................................ 26 • Changed the Input Common-Mode Range section in multiple places throughout........................................... 26 • Changed VCC to VS in the Application Information section ..............................................................................27 • Subscripted the suffixes fro RI and RF .............................................................................................................27 www.ti.com LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068AB – JUNE 1976 – REVISED OCTOBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 31 Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |