| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124AFKB bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM124AFKB bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 65 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 7-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM124DR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM124DRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM224ADR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM224ADR SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM224ADRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM224DR SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM224DRG4 SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM224KADR SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM224KDR SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2902BAIDR SOIC D 14 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2902BAIPWR TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902BIDR SOIC D 14 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2902BIPWR TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902BIRTER WQFN RTE 16 5000 330.0 12.4 3.3 3.3 1.1 8.0 12.0 Q2 LM2902DR SOIC D 14 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 LM2902DR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 Pack Materials-Page 1 |