| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9507DP bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9507DP bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 20 page ![]() PCA9507_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 7 February 2008 18 of 20 NXP Semiconductors PCA9507 2-wire serial bus extender for HDMI DDC I2C-bus and SMBus For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 14. Abbreviations 15. Revision history MSL: Moisture Sensitivity Level Fig 19. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 9. Abbreviations Acronym Description CDM Charged Device Model CMOS Complementary Metal Oxide Silicon DDC Display Data Channel DVD Digital Video Disc EDID Extended Display Identification Data ESD ElectroStatic Discharge HBM Human Body Model HDMI High-Definition Multimedia Interface I2C-bus Inter Integrated Circuit bus LCD Liquid Crystal Display MM Machine Model SMBus System Management Bus STB Set-Top Box Table 10. Revision history Document ID Release date Data sheet status Change notice Supersedes PCA9507_1 20080207 Product data sheet - - |