công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM324BA bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM324BA
Giải thích chi tiết về linh kiện  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM324BA bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM324BA Datasheet HTML 3Page - Texas Instruments LM324BA Datasheet HTML 4Page - Texas Instruments LM324BA Datasheet HTML 5Page - Texas Instruments LM324BA Datasheet HTML 6Page - Texas Instruments LM324BA Datasheet HTML 7Page - Texas Instruments LM324BA Datasheet HTML 8Page - Texas Instruments LM324BA Datasheet HTML 9Page - Texas Instruments LM324BA Datasheet HTML 10Page - Texas Instruments LM324BA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
6.5 Electrical Characteristics for LM324B and LM324BA
for VS = (V+) – (V–) = 5V to 36V (±2.5V to ±18V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
LM324B
±0.6
±3.0
mV
TA = –40°C to +85°C
±4.0
LM324BA
±0.3
±2
TA = –40°C to +85°C
2.5
dVOS/dT
Input offset voltage drift
RS = 0Ω
TA = –40°C to +85°C
±7
μV/°C
PSRR
Input offset voltage versus
power supply
65
100
dB
Channel separation
f = 1kHz to 20kHz
120
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
VS = 3V to 36V
V–
(V+) – 1.5
V
VS = 5V to 36V, TA = –40°C to +85°C
V–
(V+) – 2
CMRR
Common-mode rejection
ratio
VS = 3V to 36V, (V–) ≤ VCM ≤ (V+) – 1.5V
70
80
dB
VS = 5V to 36V, (V–) ≤ VCM ≤ (V+) – 2V, TA = –40°C to +85°C
65
80
INPUT BIAS CURRENT
IB
Input bias current
–10
–35
nA
TA = –40°C to +85°C
–60
dIOS/dT
Input offset current drift
TA = –40°C to +85°C
10
pA/°C
IOS
Input offset current
±0.5
±4
nA
TA = –40°C to +85°C
±5
dIOS/dT
Input offset current drift
TA = –40°C to +85°C
10
pA/°C
NOISE
EN
Input voltage noise
f = 0.1Hz to 10Hz
3
μVPP
eN
Input voltage noise density RS = 100Ω, VI = 0V, f = 1kHz (see Figure 6-2 for test circuit)
35
nV/√Hz
INPUT CAPACITANCE
ZID
Differential
10 || 0.1
MΩ || pF
ZICM
Common-mode
4 || 1.5
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 15V, VO = 1V to 11V, RL ≥ 10kΩ,
connected to (V–)
50
100
V/mV
TA = –40°C to +85°C
25
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
RL = 1MΩ, CL = 20pF (see Figure 6-1 for test circuit)
1.2
MHz
SR
Slew rate
RL = 1MΩ, CL = 30pF, VI = ±10V (see Figure 6-1 for test circuit)
0.5
V/μs
Θm
Phase margin
G = +1, RL = 10kΩ, CL = 20pF
56
°
tS
Settling time
To 0.1%, VS = 5V, 2V step, G = +1, CL = 100pF
4
μs
Overload recovery time
VIN × gain > VS
10
μs
THD+N
Total harmonic distortion +
noise
G = +1, f = 1kHz, VO = 3.53VRMS, VS = 36V, RL = 100kΩ, IOUT ≤ 50µA, BW = 80kHz
0.001%
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA
LM2902, LM2902B, LM2902BA, LM2902K, LM2902KAV, LM2902KV
SLOS066AE – AUGUST 1975 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902
LM2902B LM2902BA LM2902K LM2902KAV LM2902KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com