| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA186A3IDDFR bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA186A3IDDFR bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 45 page ![]() www.ti.com PACKAGE OUTLINE C 2.95 2.65 TYP 1.1 MAX 6X 0.65 8X 0.38 0.22 2X 1.95 0.20 0.08 TYP 0 - 8 0.1 0.0 0.25 GAGE PLANE 0.6 0.3 4X 0 -15 4X 4 -15 A 2.95 2.85 NOTE 3 B 1.65 1.55 4222047/E 07/2024 SOT-23-THIN - 1.1 mm max height DDF0008A PLASTIC SMALL OUTLINE NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per side. 1 8 0.1 C A B 5 4 PIN 1 ID AREA SEATING PLANE 0.1 C SEE DETAIL A DETAIL A TYPICAL SCALE 4.000 |