công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM140 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện LM140
Giải thích chi tiết về linh kiện  LM140K 3-Terminal Positive Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM140 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM140 Datasheet HTML 7Page - Texas Instruments LM140 Datasheet HTML 8Page - Texas Instruments LM140 Datasheet HTML 9Page - Texas Instruments LM140 Datasheet HTML 10Page - Texas Instruments LM140 Datasheet HTML 11Page - Texas Instruments LM140 Datasheet HTML 12Page - Texas Instruments LM140 Datasheet HTML 13Page - Texas Instruments LM140 Datasheet HTML 14Page - Texas Instruments LM140 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
21-May-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
LM140K-12
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
LM140K-12/NOPB
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
LM140K-15
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
LM140K-15/NOPB
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
LM140K-5.0
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
LM140K-5.0/NOPB
NDS
TO-CAN
2
50
9 X 6
NA
292.1
215.9 25654
3.87
22.3
25.4
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15