| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA186A2IDDFR bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA186A2IDDFR bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 45 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA186A3IDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZNW INA186A3IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZNW INA186A3IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZNW INA186A3IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZNW INA186A3IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IL INA186A3IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IL INA186A3IYFDR.B Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IL INA186A4IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 1EA INA186A4IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZOW INA186A4IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZOW INA186A4IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZOW INA186A4IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZOW INA186A4IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IM INA186A4IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IM INA186A4IYFDR.B Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IM INA186A5IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1EB INA186A5IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1EB INA186A5IDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 1EB INA186A5IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZPW INA186A5IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZPW INA186A5IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZPW INA186A5IYFDR Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IN INA186A5IYFDR.A Active Production DSBGA (YFD) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 1IN Addendum-Page 2 |