công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA188IDRG4 bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện INA188IDRG4
Giải thích chi tiết về linh kiện  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA188IDRG4 bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button INA188IDRG4 Datasheet HTML 21Page - Texas Instruments INA188IDRG4 Datasheet HTML 22Page - Texas Instruments INA188IDRG4 Datasheet HTML 23Page - Texas Instruments INA188IDRG4 Datasheet HTML 24Page - Texas Instruments INA188IDRG4 Datasheet HTML 25Page - Texas Instruments INA188IDRG4 Datasheet HTML 26Page - Texas Instruments INA188IDRG4 Datasheet HTML 27Page - Texas Instruments INA188IDRG4 Datasheet HTML 28Page - Texas Instruments INA188IDRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
RG
5.49 k
-
+
INA188
+
VDIFF = 1 V
-
VCM = 10 V
10 k
10 k
15 V
-15 V
Signal Bandwidth = 5 kHz
REF
VOUT
25
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.5 Error Sources Example
Most modern signal-conditioning systems calibrate errors at room temperature. However, calibration of errors
that result from a change in temperature is normally difficult and costly. Therefore, minimizing these errors is
important and can be done by choosing high-precision components (such as the INA188 that has improved
specifications in critical areas that impact the precision of the overall system). Figure 54 shows an example
application.
Figure 54. Example Application with G = 10 V/V and a 1-V Differential Voltage
Resistor-adjustable INAs such as the INA188 show the lowest gain error in G = 1 because of the inherently well-
matched drift of the internal resistors of the differential amplifier. At gains greater than 1 (for instance, G = 10 V/V
or G = 100 V/V) the gain error becomes a significant error source because of the contribution of the resistor drift
of the 25-k
Ω feedback resistors in conjunction with the external gain resistor. Except for very high-gain
applications, gain drift is by far the largest error contributor compared to other drift errors, such as offset drift. The
INA188 offers the lowest gain error over temperature in the marketplace for both G > 1 and G = 1 (no external
gain resistor). Table 3 summarizes the major error sources in common INA applications and compares the two
cases of G = 1 (no external resistor) and G = 10 (5.49-k
Ω external resistor). As explained in Table 3, although
the static errors (absolute accuracy errors) in G = 1 are almost twice as great as compared to G = 10, there are
much fewer drift errors because of the much lower gain error drift. In most applications, these static errors can
readily be removed during calibration in production. All calculations refer the error to the input for easy
comparison and system evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com