công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9625 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện PCA9625
Giải thích chi tiết về linh kiện  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  PCA9625 Datasheet HTML 1Page - NXP Semiconductors PCA9625 Datasheet HTML 2Page - NXP Semiconductors PCA9625 Datasheet HTML 3Page - NXP Semiconductors PCA9625 Datasheet HTML 4Page - NXP Semiconductors PCA9625 Datasheet HTML 5Page - NXP Semiconductors PCA9625 Datasheet HTML 6Page - NXP Semiconductors PCA9625 Datasheet HTML 7Page - NXP Semiconductors PCA9625 Datasheet HTML 8Page - NXP Semiconductors PCA9625 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
2 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
2.
Features
I 16 LED drivers. Each output programmable at:
N Off
N On
N Programmable LED brightness
N Programmable group dimming/blinking mixed with individual LED brightness
I 1 MHz Fast-mode Plus compatible I2C-bus interface with 30 mA high drive capability
on SDA output for driving high capacitive buses
I 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness using a 97 kHz PWM signal
I 256-step group brightness control allows general dimming (using a 190 Hz PWM
signal) from fully off to maximum brightness (default)
I 256-step group blinking with frequency programmable from 24 Hz to 10.73 s and duty
cycle from 0 % to 99.6 %
I Sixteen open-drain outputs can sink between 0 mA to 100 mA and are tolerant to a
maximum off state voltage of 24 V. No input function.
I Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time (default to ‘Change on STOP’).
I Active LOW Output Enable (OE) input pin allows for hardware blinking and dimming of
the LEDs
I 7 hardware address pins allow 126 PCA9625 devices to be connected to the same
I2C-bus and to be individually programmed
I 4 software programmable I2C-bus addresses (one LED Group Call address and three
LED Sub Call addresses) allow groups of devices to be addressed at the same time in
any combination (for example, one register used for ‘All Call’ so that all the PCA9625s
on the I2C-bus can be addressed at the same time and the second register used for
three different addresses so that 1
⁄
3 of all devices on the bus can be addressed at the
same time in a group). Software enable and disable for I2C-bus address.
I Software Reset feature (SWRST Call) allows the device to be reset through the
I2C-bus
I 25 MHz internal oscillator requires no external components
I Internal power-on reset
I Noise filter on SDA/SCL inputs
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage (VDD) range of 2.3 V to 5.5 V; also requires
VDD(DRV)FET supply voltage range of 10 V to 24 V
I 5.5 V tolerant inputs on non-LED pins
I −40 °C to +85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Package offered: SO32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com