| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83867CSRGZ bảng dữ liệu(PDF) 121 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83867CSRGZ bảng dữ liệu(HTML) 121 Page - Texas Instruments |
|
121 / 129 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) DP83867CSRGZR Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZR.A Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZR.B Active Production VQFN (RGZ) | 48 2500 | LARGE T&R - NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZT Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZT.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZTG4 Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867CSRGZTG4.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 DP83867CS DP83867ERGZR Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZR.A Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZR.B Active Production VQFN (RGZ) | 48 2500 | LARGE T&R - NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZT Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZT.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZT.B Active Production VQFN (RGZ) | 48 250 | SMALL T&R - NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZTG4 Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ERGZTG4.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 105 DP83867E DP83867ISRGZR Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZR.A Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZR.B Active Production VQFN (RGZ) | 48 2500 | LARGE T&R - NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZT Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZT.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZT.B Active Production VQFN (RGZ) | 48 250 | SMALL T&R - NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZTG4 Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS DP83867ISRGZTG4.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 DP83867IS (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |