| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXMBNI23RAM12ASC bảng dữ liệu(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXMBNI23RAM12ASC bảng dữ liệu(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 3 page ![]() Part Number Poles Code Termination PXMBNI23FIM12ASC 12 A Solder Terminal PXMBNI23FIM19ASC 19 A Solder Terminal Part Number Poles Code Termination PXMBNI23FBF12ASC 12 A Solder Terminal PXMBNI23FBF19ASC 19 A Solder Terminal Part Number Poles Code Termination PXMBNI23RAF12ASC 12 A Solder Terminal PXMBNI23RAF19ASC 19 A Solder Terminal Part Number Poles Code Termination PXMBNI23FPM12ASC 12 A Solder Terminal PXMBNI23FPM19ASC 19 A Solder Terminal M23 Front Panel Mounting Male ○ Available in 12 and 19 poles ○ Solder termination ○ Front panel M20 PXMBNI23FPM ○ Mates with Flex Body connectors M23 Right Angled Female ○ Available in 12 and 19 poles ○ Solder termination ○ Metal Right Angle Flex Body PXMBNI23RAF ○ Mates with panel mount connectors M23 Flex Body Female ○ Available in 12 and 19 poles ○ Solder termination ○ Metal Flex Body PXMBNI23FBF ○ Mates with panel mount connectors BUCCANEER M23 Series M23 Flex Inline Body ○ Available in 12 and 19 poles ○ Solder termination ○ Metal Flex Inline Body PXMBNI23FIM ○ Mates with panel mount connectors M23 Buccaneer 1 |