| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7801PDTR bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7801PDTR bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 48 page ![]() Functional description TDA7801 30/48 DocID022674 Rev 4 6.12 Fast mute features The TDA7801 is put in mute by a fast-mute procedure by one of the following event: the ENABLE pin is set to low the PLL loses the locking the VS voltage level is under the auto-mute threshold. by an I2C programming |