| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA75610LVPD bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA75610LVPD bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 42 page ![]() Software specifications TDA75610LV 32/42 DocID024173 Rev 8 If R/W = 1, the TDA75610LV sends 4 "Diagnostics Bytes" to μP: DB1, DB2, DB3 and DB4. Table 8. IB2 Bit Instruction decoding bit D7 Current detection threshold High th (D7 = 0) Low th (D7 =1) D6 0 D5 Normal muting time (D5 = 0) Fast muting time (D5 = 1) D4 Stand-by on - Amplifier not working - (D4 = 0) Stand-by off - Amplifier working - (D4 = 1) D3 Power amplifier mode diagnostic (D3 = 0) Line driver mode diagnostic (D3 = 1) D2 Current Detection Diagnostic Enabled (D2 =1) Current Detection Diagnostic Defeat (D2 =0) D1 Right Channel Power amplifier working in standard mode (D1 = 0) Power amplifier working in high efficiency mode (D1 = 1) D0 Left Channel Power amplifier working in standard mode (D0 = 0) Power amplifier working in high efficiency mode (D0 = 1) Table 9. DB1 Bit Instruction decoding bit D7 Thermal warning 1 active (D7 = 1), Tj = 160 °C (Typ) - D6 Diag. cycle not activated or not terminated (D6 = 0) Diag. cycle terminated (D6 = 1) - D5 Channel LF (CH1) Current detection IB2 (D7) = 0 Output peak current < 250 mA - Open load (D5 = 1) Output peak current > 500 mA - Normal load (D5 = 0) Channel LF (CH1) Current detection IB2 (D7) = 1 Output peak current < 125 mA - Open load (D5 = 1) Output peak current > 250 mA - Normal load (D5 = 0) D4 Channel LF (CH1) Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) - D3 Channel LF (CH1) Normal load (D3 = 0) Short load (D3 = 1) - D2 Channel LF (CH1) Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Offset diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) - |