| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS-MPC bảng dữ liệu(PDF) 1 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
MS-MPC bảng dữ liệu(HTML) 1 Page - Juniper Networks, Inc. |
|
1 / 2 page ![]() Data Sheet 1 Product Overview Product Overview. Junos Network Secure delivers stateful firewall services integrated with the MXSeries 3D Universal Edge Routers to provide protection for the service provider and enterprise network, as well as a revenue-generating managed service that protects customer infrastructure. Product Description Juniper Networks® Junos® Network Secure provides a per-flow state table and performs packet inspection, dropping packets that do not comply with the protocol state. Junos Network Secure includes attack detection, which provides anomaly-based attack detection and protection. Juniper Networks MX Series 3D Universal Edge Routers use Junos Network Secure to track and control the flow of traffic. The stateful firewall capabilities of Junos Network Secure provide an extra layer of security by using state information derived from past communications and other applications to make dynamic control decisions for new communication attempts. Junos Network Secure groups relevant flows into conversations. A flow is identified by the following five properties: • Source address • Source port • Destination address • Destination port • Protocol Architecture and Key Components The MX Series 3D Universal Edge Routers Portfolio The MX Series portfolio of Ethernet services routers is the industry leader for carrier Ethernet capacity, density and performance. Optimized for emerging Ethernet network architectures and services, the MX Series is purpose-built for the most demanding carrier and enterprise applications, and it leverages Juniper Networks Junos operating system to enable carriers and enterprises to seamlessly and cost-effectively deploy Ethernet and accelerate their next- generation network deployments. By combining a best-in-class hardware platform with the reliability and service flexibility of Junos OS, the MX Series delivers a combination of features and capabilities previously unattainable in carrier Ethernet deployments. Multiservices Cards (MS-MPC, MS-MIC) MS-MPCs and MS-MICs are next-generation, advanced service modules for Juniper Networks® MX Series 3D Universal Edge Routers. They deliver the performance, services, and scalability that are critical to today’s advanced Ethernet services edge and broadband edge networks. MS-MPCs are full slot modules that supply hardware acceleration for an array of packet processing-intensive services for the MX2020, MX2010, MX960, MX480, and MX240 3D Universal Edge Routers. The MS-MIC is based on Juniper’s MIC card hardware form and can be inserted in the MX5, MX10, MX40, and MX80 3D Universal Edge Routers, as well as the MPC1, MPC2, and MPC3 cards. These cards offer flexible support for stateful firewall, Network Address Translation (NAT), IPsec, anomaly detection, flow monitoring and accounting, and tunnel services. This wide array of services enables service providers and enterprises to secure their network infrastructure; collect rich statistics for billing, capacity planning, and security purposes; and create new services, all with a single module. Junos Network Secure Your ideas. Connected.™ |
Số phần tương tự - MS-MPC |
|
Mô tả tương tự - MS-MPC |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |