công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLBL-07R bảng dữ liệu(PDF) 2 Page - ABB

tên linh kiện MLBL-07R
Giải thích chi tiết về linh kiện  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

MLBL-07R bảng dữ liệu(HTML) 2 Page - ABB

  MLBL-07R Datasheet HTML 1Page - ABB MLBL-07R Datasheet HTML 2Page - ABB MLBL-07R Datasheet HTML 3Page - ABB MLBL-07R Datasheet HTML 4Page - ABB MLBL-07R Datasheet HTML 5Page - ABB MLBL-07R Datasheet HTML 6Page - ABB MLBL-07R Datasheet HTML 7Page - ABB MLBL-07R Datasheet HTML 8Page - ABB MLBL-07R Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 | 1SFC151006C0201 | Pilot devices core offering catalog
ABB pilot devices
How we are helping the industry
High reliability
"ABB's pilot devices are never failing, regardless of environment.
That is 100% reliability."
Easy to install
"Thanks to ABB's pilot devices we can easily make customer specific
changes in the last minute."
Global availability
"Thanks to ABB we have shorted our customer response time from 2
months to 1 day."
Water and dust proof according to IP67
Our IP67 classed pilot devices can sustain
the pressure of submersion to one meter
during 30 min.
Tough and robust according to IP69K
Our IP69K classed pilot devices can
withstand intensive cleaning and rough
treatment and are perfect for outdoor
installations.
Secured reliability with wiping action
All our contacts have built-in wiping action
that cleans the contact every time it is being
used.
Duztech, OEM, Sweden
EA Elautomation, panel builder, Sweden and
Lithuania
LED controls, distributor, United Kingdom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24