| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151VDT7 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 154 page ![]() Pin descriptions STM32L151xD STM32L152xD 40/154 DocID022027 Rev 11 Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 7. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 8. STM32L151xD and STM32L152xD pin definitions Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions 1 B2 1 - - PE2 I/O FT PE2 TIM3_ETR/LCD_SEG38/ TRACECLK/FSMC_A23 - 2 A1 2 - - PE3 I/O FT PE3 TIM3_CH1/LCD_SEG39/ TRACED0/FSMC_A19 - 3 B1 3 - - PE4 I/O FT PE4 TIM3_CH2/TRACED1 /FSMC_A20 - 4 C2 4 - - PE5 I/O FT PE5 TIM9_CH1/TRACED2 /FSMC_A21 - 5D2 5 - - PE6- WKUP3 I/O FT PE6 TIM9_CH2/TRACED3 WKUP3/ RTC_TAMP3 6E2 6 1 C6 VLCD(3) S- VLCD -- 7C1 7 2 C8 PC13- WKUP2 I/O FT PC13 - WKUP2/ RTC_TAMP1/ RTC_TS/ RTC_OUT 8D1 8 3 B8 PC14- OSC32_IN(4) I/O TC PC14 - OSC32_IN 9E1 9 4 B7 PC15- OSC32_OUT I/O TC PC15 - OSC32_OUT 10 D6 - - - PF0 I/O FT PF0 FSMC_A0 - 11 D5 - - - PF1 I/O FT PF1 FSMC_A1 - 12 D4 - - - PF2 I/O FT PF2 FSMC_A2 - 13 E4 - - - PF3 I/O FT PF3 FSMC_A3 - |