| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7720DWVR bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7720DWVR bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 51 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7720DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720 ISO7720DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720 ISO7720DR.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7720 ISO7720DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7720 ISO7720DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720DWVR Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720 ISO7720DWVR.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720 ISO7720DWVR.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720FDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720FDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7720F ISO7720FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7720F ISO7720FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720FDWVR Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDWVR.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDWVR.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7720FDWVRG4 Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDWVRG4.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7720F ISO7720FDWVRG4.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721BDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721B ISO7721BDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721B ISO7721BDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 ISO7721DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 Addendum-Page 1 |