công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2FD20126 bảng dữ liệu(PDF) 5 Page - nVent Electric plc

tên linh kiện P2FD20126
Giải thích chi tiết về linh kiện  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2FD20126 bảng dữ liệu(HTML) 5 Page - nVent Electric plc

  P2FD20126 Datasheet HTML 1Page - nVent Electric plc P2FD20126 Datasheet HTML 2Page - nVent Electric plc P2FD20126 Datasheet HTML 3Page - nVent Electric plc P2FD20126 Datasheet HTML 4Page - nVent Electric plc P2FD20126 Datasheet HTML 5Page - nVent Electric plc P2FD20126 Datasheet HTML 6Page - nVent Electric plc P2FD20126 Datasheet HTML 7Page - nVent Electric plc P2FD20126 Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
MOduLaR ENcLOsuRE sOLutIONs
5
Spec-01187 D
dIscONNEct FRaMEs
aPPLIcatION
PROLINE G2 Disconnect Frames can be used with PROLINE G2
Disconnect Doors and Disconnect components to configure a
custom Disconnect Enclosure Solution from standard modular
enclosure components.
FEatuREs
•
Required for disconnect enclosure greater than 1000 mm wide
•
Includes two removable center uprights (front and rear) which
are offset 100 mm from the center of the frame
•
Superior performance under load: 12 gauge (2.5 mm) roll-formed
steel frame
sPEcIFIcatIONs
•
Welded corners with steel corner blocks
•
12 gauge, roll-formed steel frame sections
•
Hybrid frame profile
•
Flange trough collar on door and side openings deflect dust and
debris away from the enclosure interior
•
Integral frame channels support the full weight of the mounting
subpanel
•
Accommodates 25-mm DIN standard; rectangular frame holes
designed for BV-M6 fastener or metric cage nut fasteners; round
frame holes accommodate M5 self-tapping screws and allow
numerous grounding locations using M5 thread-forming screws
FINIsH
•
Polyester powder paint; RAL 7035 textured light gray standard
•
Custom colors available
accEssORIEs
•
Disconnect Doors
•
Disconnect Components
•
Barrier Panel
•
Side Cover
•
Lifting Eyes
•
Frame Joining Kits
•
Fastener Packages
•
Full Subpanel (Rear or Side)
•
Partial Subpanel and Side-Mount Panel
•
Panel Support Bracket
•
Grid Strap Network (Rail System)
Bulletin: p40
Standard Product
 
Catalog Number
AxBxC mm
AxBxC in.
HxWxD (mm)
Maximum Subpanel Size (mm)
Maximum Subpanel Size (in.)
Maximum Rack Mount Units
P2FD16124
1599 x 1199 x 394
62.95 x 47.20 x 15.51
1600x1200x400
1506x1128
59.3x44.4
33
P2FD16126
1599 x 1199 x 594
62.95 x 47.20 x 23.39
1600x1200x600
1506x1128
59.3x44.4
33
P2FD16164
1599 x 1599 x 394
62.95 x 62.95 x 15.51
1600x1600x400
1506x1528
59.3x60.2
33
P2FD16166
1599 x 1599 x 594
62.95 x 62.95 x 23.39
1600x1600x600
1506x1528
59.3x60.2
33
P2FD18124
1799 x 1199 x 394
70.83 x 47.20 x 15.51
1800x1200x400
1706x1128
67.2x44.4
38
P2FD18126
1799 x 1199 x 594
70.83 x 47.20 x 23.39
1800x1200x600
1706x1128
67.2x44.4
38
P2FD18164
1799 x 1599 x 394
70.83 x 62.95 x 15.51
1800x1600x400
1706x1528
67.2x60.2
38
P2FD18166
1799 x 1599 x 594
70.83 x 62.95 x 23.39
1800x1600x600
1706x1528
67.2x60.2
38
P2FD18184
1799 x 1799 x 394
70.83 x 70.83 x 15.51
1800x1800x400
1706x1728
67.2x68.0
38
P2FD18186
1799 x 1799 x 594
70.83 x 70.83 x 23.39
1800x1800x600
1706x1728
67.2x68.0
38
P2FD20124
1999 x 1199 x 394
78.70 x 47.20 x 15.51
2000x1200x400
1906x1128
75.0x44.4
42
P2FD20126
1999 x 1199 x 594
78.70 x 47.20 x 23.39
2000x1200x600
1906x1128
75.0x44.4
42
P2FD20164
1999 x 1599 x 394
78.70 x 62.95 x 15.51
2000x1600x400
1906x1528
75.0x60.2
42
P2FD20166
1999 x 1599 x 594
78.70 x 62.95 x 23.39
2000x1600x600
1906x1528
75.0x60.2
42
P2FD20184
1999 x 1799 x 394
78.70 x 70.83 x 15.51
2000x1800x400
1906x1728
75.0x68.0
42
P2FD20186
1999 x 1799 x 594
78.70 x 70.83 x 23.39
2000x1800x600
1906x1728
75.0x68.0
42
P2FD22124
2199 x 1199 x 394
86.57 x 47.20 x 15.51
2200x1200x400
2106x1128
82.9x44.4
47
P2FD22126
2199 x 1199 x 594
86.57 x 47.20 x 23.39
2200x1200x600
2106x1128
82.9x44.4
47
P2FD22164
2199 x 1599 x 394
86.57 x 62.95 x 15.51
2200x1600x400
2106x1528
82.9x60.2
47
P2FD22166
2199 x 1599 x 594
86.57 x 62.95 x 23.39
2200x1600x600
2106x1528
82.9x60.2
47
P2FD22184
2199 x 1799 x 394
86.57 x 70.83 x 15.51
2200x1800x400
2106x1728
82.9x68.0
47
P2FD22186
2199 x 1799 x 594
86.57 x 70.83 x 23.39
2200x1800x600
2106x1728
82.9x68.0
47
HxWxD are nominal height, width and depth dimensions.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com