| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7740 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7740 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7741DWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FBDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741FB ISO7741FBDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741FB ISO7741FBDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FDBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7741F ISO7741FDBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7741F ISO7741FDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FDBQRG4 Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7741F ISO7741FDBQRG4.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7741F ISO7741FDBQRG4.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741F ISO7741FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741F ISO7741FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FDWRG4 Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741F ISO7741FDWRG4.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7741F ISO7741FDWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7741FSDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7742DBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7742 ISO7742DBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7742 ISO7742DBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7742DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7742 ISO7742DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7742 ISO7742DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7742FDBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7742F ISO7742FDBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7742F ISO7742FDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7742FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7742F ISO7742FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7742F ISO7742FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7742FSDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -55 to 125 Addendum-Page 2 |