công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L151VDH7TR bảng dữ liệu(PDF) 39 Page - STMicroelectronics

tên linh kiện STM32L151VDH7TR
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDH7TR bảng dữ liệu(HTML) 39 Page - STMicroelectronics

Back Button STM32L151VDH7TR Datasheet HTML 35Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 36Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 37Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 38Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 39Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 40Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 41Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 42Page - STMicroelectronics STM32L151VDH7TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
DocID022027 Rev 11
39/154
STM32L151xD STM32L152xD
Pin descriptions
57
Figure 7. STM32L15xRD WLCSP64 ballout
1. This figure shows the package top view.
Table 7. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More