| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2F20188 bảng dữ liệu(PDF) 3 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2F20188 bảng dữ liệu(HTML) 3 Page - nVent Electric plc |
|
3 / 8 page ![]() PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE MOduLaR ENcLOsuRE sOLutIONs 3 Spec-01187 D Catalog Number AxBxC mm AxBxC in. H x W x D (mm) Maximum Subpanel Size (mm) Maximum Subpanel Size (in.) Maximum Rack Mount Units P2F22165 2199 x 1599 x 494 86.58 x 62.94 x 19.45 2200 x 1600 x 500 2106x1528 82.9x60.2 47 P2F22166 2199 x 1599 x 594 86.58 x 62.94 x 23.39 2200 x 1600 x 600 2106x1528 82.9x60.2 47 P2F22168 2199 x 1599 x 794 86.58 x 62.94 x 31.26 2200 x 1600 x 800 2106x1528 82.9x60.2 47 P2F22185 2199 x 1799 x 494 86.58 x 70.82 x 19.45 2200 x 1800 x 500 2106x1728 82.9x68.0 47 P2F22186 2199 x 1799 x 594 86.58 x 70.82 x 23.39 2200 x 1800 x 600 2106x1728 82.9x68.0 47 P2F22188 2199 x 1799 x 794 86.58 x 70.82 x 31.26 2200 x 1800 x 800 2106x1728 82.9x68.0 47 HxWxD are nominial height, width and depth dimensions. P2 Model PROLINE G2 F Component Frame Blank Specialty Blank = standard HF = EMC protected Blank Type Blank = standard D = disconnect 20 Height mm 22 = 2200 20 = 2000 18 = 1800 16 = 1600 14 = 1400 12 = 1200 10 = 1000 8 = 800 6 = 600 8 Width mm 18 = 1800 16 = 1600 14 = 1400 12 = 1200 10 = 1000 8 = 800 6 = 600 4 = 400 6 Depth mm 10 = 1000 8 = 800 6 = 600 5 = 500 4 = 400 P2F2086 Catalog Number NOTE: Not every combination is available as a standard product. |