| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2F20128 bảng dữ liệu(PDF) 2 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2F20128 bảng dữ liệu(HTML) 2 Page - nVent Electric plc |
|
2 / 8 page ![]() PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories PH 763.422.2211 nVent.com/HOFFMAN MOduLaR ENcLOsuRE sOLutIONs 2 Spec-01187 D Catalog Number AxBxC mm AxBxC in. H x W x D (mm) Maximum Subpanel Size (mm) Maximum Subpanel Size (in.) Maximum Rack Mount Units P2F1486 1399 x 799 x 594 55.09 x 31.45 x 23.39 1400 x 800 x 600 1306x728 51.4x28.7 28 P2F1488 1399 x 799 x 794 55.09 x 31.45 x 31.26 1400 x 800 x 800 1306x728 51.4x28.7 28 P2F14125 1399 x 1199 x 494 55.09 x 47.20 x 19.45 1400 x 1200 x 500 1306x1128 51.4x44.4 28 P2F1664 1599 x 599 x 394 62.96 x 23.57 x 15.52 1600 x 600 x 400 1506x528 59.3x20.8 33 P2F1665 1599 x 599 x 494 62.96 x 23.57 x 19.45 1600 x 600 x 500 1506x528 59.3x20.8 33 P2F1666 1599 x 599 x 594 62.96 x 23.57 x 23.39 1600 x 600 x 600 1506x528 59.3x20.8 33 P2F1668 1599 x 599 x 794 62.96 x 23.57 x 31.26 1600 x 600 x 800 1506x528 59.3x20.8 33 P2F1684 1599 x 799 x 394 62.96 x 31.45 x 15.52 1600 x 800 x 400 1506x728 59.3x28.7 33 P2F1685 1599 x 799 x 494 62.96 x 31.45 x 19.45 1600 x 800 x 500 1506x728 59.3x28.7 33 P2F1686 1599 x 799 x 594 62.96 x 31.45 x 23.39 1600 x 800 x 600 1506x728 59.3x28.7 33 P2F1688 1599 x 799 x 794 62.96 x 31.45 x 31.26 1600 x 800 x 800 1506x728 59.3x28.7 33 P2F16104 1599 x 999 x 394 62.96 x 39.32 x 15.52 1600 x 1000 x 400 1506x928 59.3x36.5 33 P2F16106 1599 x 999 x 494 62.96 x 39.32 x 19.45 1600 x 1000 x 600 1506x928 59.3x36.5 33 P2F16124 1599 x 1199 x 394 62.96 x 47.20 x 15.52 1600 x 1200 x 400 1506x1128 59.3x44.4 33 P2F16125 1599 x 1199 x 494 62.96 x 47.20 x 19.45 1600 x 1200 x 500 1506x1128 59.3x44.4 33 P2F16126 1599 x 1199 x 594 62.96 x 47.20 x 23.39 1600 x 1200 x 600 1506x1128 59.3x44.4 33 P2F16128 1599 x 1199 x 794 62.96 x 47.20 x 31.26 1600 x 1200 x 800 1506x1128 59.3x44.4 33 P2F16164 1599 x 1599 x 394 62.96 x 62.94 x 15.52 1600 x 1600 x 400 1506x1528 59.3x60.2 33 P2F16165 1599 x 1599 x 494 62.96 x 62.94 x 19.45 1600 x 1600 x 500 1506x1528 59.3x60.2 33 P2F16166 1599 x 1599 x 594 62.96 x 62.94 x 23.39 1600 x 1600 x 600 1506x1528 59.3x60.2 33 P2F16168 1599 x 1599 x 794 62.96 x 62.94 x 31.26 1600 x 1600 x 800 1506x1528 59.3x60.2 33 P2F1845 1799 x 399 x 494 70.83 x 15.70 x 19.45 1800 x 400 x 500 1706x328 67.2x12.9 38 P2F1846 1799 x 399 x 594 70.83 x 15.70 x 23.39 1800 x 400 x 600 1706x328 67.2x12.9 38 P2F1864 1799 x 599 x 394 70.83 x 23.57 x 15.52 1800 x 600 x 400 1706x528 67.2x20.8 38 P2F1865 1799 x 599 x 494 70.83 x 23.57 x 19.45 1800 x 600 x 500 1706x528 67.2x20.8 38 P2F1866 1799 x 599 x 594 70.83 x 23.57 x 23.39 1800 x 600 x 600 1706x528 67.2x20.8 38 P2F1884 1799 x 799 x 394 70.83 x 31.45 x 15.52 1800 x 800 x 400 1706x728 67.2x28.7 38 P2F1885 1799 x 799 x 494 70.83 x 31.45 x 19.45 1800 x 800 x 500 1706x728 67.2x28.7 38 P2F1886 1799 x 799 x 594 70.83 x 31.45 x 23.39 1800 x 800 x 600 1706x728 67.2x28.7 38 P2F1888 1799 x 799 x 794 70.83 x 31.45 x 31.26 1800 x 800 x 800 1706x728 67.2x28.7 38 P2F18104 1799 x 999 x 394 70.83 x 39.32 x 15.52 1800 x 1000 x 400 1706x928 67.2x36.5 38 P2F18105 1799 x 999 x 494 70.83 x 39.32 x 19.45 1800 x 1000 x 500 1706x928 67.2x36.5 38 P2F18106 1799 x 999 x 594 70.83 x 39.32 x 23.39 1800 x 1000 x 600 1706x928 67.2x36.5 38 P2F18124 1799 x 1199 x 394 70.83 x 47.20 x 15.52 1800 x 1200 x 400 1706x1128 67.2x44.4 38 P2F18125 1799 x 1199 x 494 70.83 x 47.20 x 19.45 1800 x 1200 x 500 1706x1128 67.2x44.4 38 P2F18126 1799 x 1199 x 594 70.83 x 47.20 x 23.39 1800 x 1200 x 600 1706x1128 67.2x44.4 38 P2F18128 1799 x 1199 x 794 70.83 x 47.20 x 31.26 1800 x 1200 x 800 1706x1128 67.2x44.4 38 P2F18164 1799 x 1599 x 394 70.83 x 62.94 x 15.52 1800 x 1600 x 400 1706x1528 67.2x60.2 38 P2F18165 1799 x 1599 x 494 70.83 x 62.94 x 19.45 1800 x 1600 x 500 1706x1528 67.2x60.2 38 P2F18166 1799 x 1599 x 594 70.83 x 62.94 x 23.39 1800 x 1600 x 600 1706x1528 67.2x60.2 38 P2F18168 1799 x 1599 x 794 70.83 x 62.94 x 31.26 1800 x 1600 x 800 1706x1528 67.2x60.2 38 P2F18185 1799 x 1799 x 494 70.83 x 70.82 x 19.45 1800 x 1800 x 500 1706x1728 67.2x68.0 38 P2F18186 1799 x 1799 x 594 70.83 x 70.82 x 23.39 1800 x 1800 x 600 1706x1728 67.2x68.0 38 P2F18188 1799 x 1799 x 794 70.83 x 70.82 x 31.26 1800 x 1800 x 800 1706x1728 67.2x68.0 38 P2F2045 1999 x 399 x 494 78.71 x 15.70 x 19.45 2000 x 400 x 500 1906x328 75.0x12.9 42 P2F2046 1999 x 399 x 594 78.71 x 15.70 x 23.39 2000 x 400 x 600 1906x328 75.0x12.9 42 P2F2064 1999 x 599 x 394 78.71 x 23.57 x 15.52 2000 x 600 x 400 1906x528 75.0x20.8 42 P2F2065 1999 x 599 x 494 78.71 x 23.57 x 19.45 2000 x 600 x 500 1906x528 75.0x20.8 42 P2F2066 1999 x 599 x 594 78.71 x 23.57 x 23.39 2000 x 600 x 600 1906x528 75.0x20.8 42 P2F2084 1999 x 799 x 394 78.71 x 31.45 x 15.52 2000 x 800 x 400 1906x728 75.0x28.7 42 P2F2085 1999 x 799 x 494 78.71 x 31.45 x 19.45 2000 x 800 x 500 1906x728 75.0x28.7 42 P2F2086 1999 x 799 x 594 78.71 x 31.45 x 23.39 2000 x 800 x 600 1906x728 75.0x28.7 42 P2F20810 1999 x 799 x 994 78.71 x 31.45 x 39.14 2000 x 800 x 1000 1906x728 75.0x28.7 42 P2F20104 1999 x 999 x 394 78.71 x 39.32 x 15.52 2000 x 1000 x 400 1906x928 75.0x36.5 42 P2F20105 1999 x 999 x 494 78.71 x 39.32 x 19.45 2000 x 1000 x 500 1906x928 75.0x36.5 42 P2F20106 1999 x 999 x 594 78.71 x 39.32 x 23.39 2000 x 1000 x 600 1906x928 75.0x36.5 42 P2F20108 1999 x 999 x 794 78.71 x 39.32 x 31.26 2000 x 1000 x 800 1906x928 75.0x36.5 42 P2F20124 1999 x 1199 x 394 78.71 x 47.20 x 15.52 2000 x 1200 x 400 1906x1128 75.0x44.4 42 P2F20125 1999 x 1199 x 494 78.71 x 47.20 x 19.45 2000 x 1200 x 500 1906x1128 75.0x44.4 42 P2F20126 1999 x 1199 x 594 78.71 x 47.20 x 23.39 2000 x 1200 x 600 1906x1128 75.0x44.4 42 P2F20128 1999 x 1199 x 794 78.71 x 47.20 x 31.26 2000 x 1200 x 800 1906x1128 75.0x44.4 42 P2F20165 1999 x 1599 x 494 78.71 x 62.94 x 19.45 2000 x 1600 x 500 1906x1528 75.0x60.2 42 P2F20166 1999 x 1599 x 594 78.71 x 62.94 x 23.39 2000 x 1600 x 600 1906x1528 75.0x60.2 42 P2F20168 1999 x 1599 x 794 78.71 x 62.94 x 31.26 2000 x 1600 x 800 1906x1528 75.0x60.2 42 P2F20185 1999 x 1799 x 494 78.71 x 70.82 x 19.45 2000 x 1800 x 500 1906x1728 75.0x68.0 42 P2F20186 1999 x 1799 x 594 78.71 x 70.82 x 23.39 2000 x 1800 x 600 1906x1728 75.0x68.0 42 P2F20188 1999 x 1799 x 794 78.71 x 70.82 x 31.26 2000 x 1800 x 800 1906x1728 75.0x68.0 42 P2F2265 2199 x 599 x 494 86.58 x 23.57 x 19.45 2200 x 600 x 500 2106x528 82.9x20.8 47 P2F2266 2199 x 599 x 594 86.58 x 23.57 x 23.39 2200 x 600 x 600 2106x528 82.9x20.8 47 P2F2285 2199 x 799 x 494 86.58 x 31.45 x 19.45 2200 x 800 x 500 2106x728 82.9x28.7 47 P2F2286 2199 x 799 x 594 86.58 x 31.45 x 23.39 2200 x 800 x 600 2106x728 82.9x28.7 47 P2F22810 2199 x 799 x 994 86.58 x 31.45 x 39.14 2200 x 800 x 1000 2106x728 82.9x28.7 47 P2F22105 2199 x 999 x 494 86.58 x 39.32 x 19.45 2200 x 1000 x 500 2106x928 82.9x36.5 47 P2F22106 2199 x 999 x 594 86.58 x 39.32 x 23.39 2200 x 1000 x 600 2106x928 82.9x36.5 47 P2F22108 2199 x 999 x 794 86.58 x 39.32 x 31.26 2200 x 1000 x 800 2106x928 82.9x36.5 47 P2F22125 2199 x 1199 x 494 86.58 x 47.20 x 19.45 2200 x 1200 x 500 2106x1128 82.9x44.4 47 P2F22126 2199 x 1199 x 594 86.58 x 47.20 x 23.39 2200 x 1200 x 600 2106x1128 82.9x44.4 47 P2F22128 2199 x 1199 x 794 86.58 x 47.20 x 31.26 2200 x 1200 x 800 2106x1128 82.9x44.4 47 |