công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2F20105 bảng dữ liệu(PDF) 1 Page - nVent Electric plc

tên linh kiện P2F20105
Giải thích chi tiết về linh kiện  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2F20105 bảng dữ liệu(HTML) 1 Page - nVent Electric plc

  P2F20105 Datasheet HTML 1Page - nVent Electric plc P2F20105 Datasheet HTML 2Page - nVent Electric plc P2F20105 Datasheet HTML 3Page - nVent Electric plc P2F20105 Datasheet HTML 4Page - nVent Electric plc P2F20105 Datasheet HTML 5Page - nVent Electric plc P2F20105 Datasheet HTML 6Page - nVent Electric plc P2F20105 Datasheet HTML 7Page - nVent Electric plc P2F20105 Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
MOduLaR ENcLOsuRE sOLutIONs
1
Spec-01187 D
Spec-01187
FRaMEs
aPPLIcatION
The PROLINE G2 frame is the foundational design element that
protects the components inside this modular enclosure. The
frame was designed to withstand heavier load requirements and
to maintain a solid square structure - a solid foundation for the
electrical enclosure.
FEatuREs
•
Superior performance under load: 12 gauge (2.5 mm) roll-formed
steel frame with welded corners, hybrid frame profile
•
Wide range of standard options: 114 frame sizes; disconnect
options, custom sizes on request
•
Easy to assemble and use: 25 mm hole pattern on horizontal and
vertical frame members, wide door opening, removable rear
centerpost for frames greater than 1200 mm wide
sPEcIFIcatIONs
•
Welded corners with steel corner blocks
•
12 gauge (2.5 mm), roll-formed steel frame sections
•
Hybrid frame profile
•
Flange trough collar on door and side openings deflect dust and
debris away from the enclosure interior
•
Integral frame channels support the full weight of the mounting
subpanel
•
Frames greater than 1200 mm wide have a removable rear
centerpost, and cross-members in the center top and center
bottom; no front center post facilitates component installation
•
Accommodates 25-mm DIN standard; rectangular frame holes
designed for BV-M6 fastener or metric cage nut fasteners; round
frame holes accommodate M5 self-tapping screws and allow
numerous grounding locations using M5 thread-forming screws
•
Uniform internal frame width to simplify component installation;
universal frame member used for both horizontal and vertical
frame sections to simplify component installation
•
Simple means for joining frames to create multiple-bay
enclosures
•
Provisions for mounting subpanel, rack mounting and grid/rail
system mounting
FINIsH
•
Polyester powder paint; RAL 7035 textured light gray standard
•
Custom colors available
•
EMC-protected frames: plated (not painted) to provide corrosion
resistance while maintaining a metal-to-metal contact with the
metal fiber gasket used in PROLINE G2 EMC Industrial Packages
LOad RatING
•
3500 lb (1587kg), safety factor 1.5; frame size: 2000x600x800 mm
(load ratings vary by frame size)
accEssORIEs
•
Solid Doors (Single or Overlapping Double)
•
Solid Top
•
Gland Plate
•
Side Cover
•
Frame Joining Kits
•
Grid Strap Network (Rail System)
•
Lifting Eyes
•
Fastener Packages
•
Full Subpanel (Rear or Side)
•
Partial Subpanel and Side-Mount Panel
•
Panel Support Bracket
•
19-Inch Rack Angles
•
Center Upright
Bulletin: p40
Standard Product
 
Catalog Number
AxBxC mm
AxBxC in.
H x W x D (mm)
Maximum Subpanel Size (mm)
Maximum Subpanel Size (in.)
Maximum Rack Mount Units
P2F664
599 x 599 x 394
23.59 x 23.57 x 15.52
600 x 600 x 400
506x528
19.9x20.8
8
P2F666
599 x 599 x 594
23.59 x 23.57 x 23.39
600 x 600 x 600
506x528
19.9x20.8
8
P2F688
599 x 799 x 794
23.59 x 31.45 x 31.26
600 x 800 x 800
506x728
19.9x28.7
8
P2F864
799 x 599 x 394
31.46 x 23.57 x 15.52
800 x 600 x 400
706x528
27.8x20.8
13
P2F866
799 x 599 x 594
31.46 x 23.57 x 23.39
800 x 600 x 600
706x528
27.8x20.8
13
P2F888
799 x 799 x 794
31.46 x 31.45 x 31.26
800 x 800 x 800
706x728
27.8x28.7
13
P2F1064
999 x 599 x 394
39.34 x 23.57 x 15.52
1000 x 600 x 400
906x528
35.7x20.8
18
P2F1065
999 x 599 x 494
39.34 x 23.57 x 19.45
1000 x 600 x 500
906x528
35.7x20.8
18
P2F1066
999 x 599 x 594
39.34 x 23.57 x 23.39
1000 x 600 x 600
906x528
35.7x20.8
18
P2F1085
999 x 799 x 494
39.34 x 31.45 x 19.45
1000 x 800 x 500
906x728
35.7x28.7
18
P2F1086
999 x 799 x 594
39.34 x 31.45 x 23.39
1000 x 800 x 600
906x728
35.7x28.7
18
P2F1088
999 x 799 x 794
39.34 x 31.45 x 31.26
1000 x 800 x 800
906x728
35.7x28.7
18
P2F10125
999 x 1199 x 494
39.34 x 47.20 x 19.45
1000 x 1200 x 500
906x1128
35.7x44.4
18
P2F1264
1199 x 599 x 394
47.21 x 23.57 x 15.52
1200 x 600 x 400
1106x528
43.5x20.8
23
P2F1265
1199 x 599 x 494
47.21 x 23.57 x 19.45
1200 x 600 x 500
1106x528
43.5x20.8
23
P2F1266
1199 x 599 x 594
47.21 x 23.57 x 23.39
1200 x 600 x 600
1106x528
43.5x20.8
23
P2F1285
1199 x 799 x 494
47.21 x 31.45 x 19.45
1200 x 800 x 500
1106x728
43.5x28.7
23
P2F1286
1199 x 799 x 594
47.21 x 31.45 x 23.39
1200 x 800 x 600
1106x728
43.5x28.7
23
P2F1288
1199 x 799 x 794
47.21 x 31.45 x 31.26
1200 x 800 x 800
1106x728
43.5x28.7
23
P2F12125
1199 x 1199 x 494
47.21 x 47.20 x 19.45
1200 x 1200 x 500
1106x1128
43.5x44.4
23
P2F1465
1399 x 599 x 494
55.09 x 23.57 x 19.45
1400 x 600 x 500
1306x528
51.4x20.8
28
P2F1466
1399 x 599 x 594
55.09 x 23.57 x 23.39
1400 x 600 x 600
1306x528
51.4x20.8
28
P2F1485
1399 x 799 x 494
55.09 x 31.45 x 19.45
1400 x 800 x 500
1306x728
51.4x28.7
28


Số phần tương tự - P2F20105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
P2F7 GOOD-ARK-P2F7 Datasheet
383Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Shindengen Electric Mfg...
P2FE60VX5K SHINDENGEN-P2FE60VX5K Datasheet
864Kb / 4P
Power MOSFET
More results

Mô tả tương tự - P2F20105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
Digital Photo Frames
logo
Synaptics Incorporated.
CX92745 CONEXANT-CX92745 Datasheet
522Kb / 2P
Connected Digital Frames
logo
celduc-relais
PWA01500 CELDUC-PWA01500 Datasheet
804Kb / 4P
Sensors for window frames
logo
Hubbell Incorporated.
PREMISE_NS802W HUBBELL-PREMISE_NS802W Datasheet
280Kb / 1P
Wallplates HDMI Frames
PREMISE_NS801W HUBBELL-PREMISE_NS801W Datasheet
273Kb / 1P
Wallplates HDMI Frames
logo
FIBOX Enclosing innovat...
3510840 FIBOX-3510840 Datasheet
43Kb / 1P
DIN rail frames
31.07.2023
3510841 FIBOX-3510841 Datasheet
47Kb / 1P
DIN rail frames
31.07.2023
3510842 FIBOX-3510842 Datasheet
46Kb / 1P
DIN rail frames
31.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com