công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA321EA/250G4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện INA321EA/250G4
Giải thích chi tiết về linh kiện  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA321EA/250G4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  INA321EA/250G4 Datasheet HTML 1Page - Texas Instruments INA321EA/250G4 Datasheet HTML 2Page - Texas Instruments INA321EA/250G4 Datasheet HTML 3Page - Texas Instruments INA321EA/250G4 Datasheet HTML 4Page - Texas Instruments INA321EA/250G4 Datasheet HTML 5Page - Texas Instruments INA321EA/250G4 Datasheet HTML 6Page - Texas Instruments INA321EA/250G4 Datasheet HTML 7Page - Texas Instruments INA321EA/250G4 Datasheet HTML 8Page - Texas Instruments INA321EA/250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
BOLDFACE limits apply over the specified temperature range, TA = −555C to +1255C.
At TA = +25°C, RL = 25kΩ, G = 25, and IA common = VS/2, unless otherwise noted.
INA321E
INA321EA
INA2321EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT
Input Offset Voltage, RTI
VS = +5V
±0.2
±0.5
∗
1
mV
Over Temperature
VOS
±2.2
2.5
mV
vs Temperature
dVOS/dT
±7
*
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V
±50
±200
∗
∗
µV/V
Over Temperature
±220
*
µV/V
Long-Term Stability
±0.4
∗
µV/month
Input Impedance
1013 || 3
∗
Ω || pF
Input Common-Mode Range
VS = 2.7V
0.35
1.5
∗
∗
V
VS = 5V
0.55
3.8
∗
∗
V
Common-Mode
Rejection
CMRR
VS = 5V, VCM = 0.55V to 3.8V
90
94
80
∗
dB
Over Temperature
VS = 5V, VCM = 0.55V to 3.8V
77
75
dB
VS = 2.7V, VCM = 0.35V to 1.5V
94
∗
dB
Crosstalk, Dual
110
∗
dB
INPUT BIAS CURRENT
Bias Current
IB
±0.5
±10
∗
∗
pA
Offset Current
IOS
±0.5
±10
∗
∗
pA
NOISE, RTI
en
RS = 0Ω
Voltage Noise: f = 10Hz
500
∗
nV/
√Hz
f = 100Hz
190
∗
nV/
√Hz
f = 1kHz
100
∗
nV/
√Hz
f = 0.1Hz to 10Hz
20
∗
µVPP
Current Noise: f = 1kHz
3
∗
fA/
√Hz
GAIN(1)
Gain Equation, Externally Set
G > 5
G = 5 + 5 (R2/R1)
∗
Range of Gain
5
1000
∗
∗
V/V
Gain Error
±0.02
±0.1
∗
∗
%
vs Temperature
G = 5
±2
±10
*
*
ppm/
°C
Nonlinearity
G = 25, VS = 5V, VO = 0.05 to 4.95
±0.001
±0.010
∗
∗
% of FS
Over Temperature
±0.002
±0.015
*
*
% of FS
OUTPUT
Output Voltage Swing from Rail(2, 5)
G
≥ 10
50
25
∗
∗
mV
Over Temperature
50
*
mV
Capacitance Load Drive
See Typical Characteristic(3)
∗
pF
Short-Circuit Current
+ISC
8
−ISC
16
∗
mA
NOTE:
∗ Specification is same as INA321E.
(1) Does not include errors from external gain setting resistors.
(2) Output voltage swings are measured between the output and power-supply rails.
(3) See typical characteristic Percent Overshoot vs Load Capacitance.
(4) See typical characteristic Shutdown Voltage vs Supply Voltage.
(5) Output does not swing to positive rail if gain is less than 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com