công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA209 bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện INA209
Giải thích chi tiết về linh kiện  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button INA209 Datasheet HTML 24Page - Texas Instruments INA209 Datasheet HTML 25Page - Texas Instruments INA209 Datasheet HTML 26Page - Texas Instruments INA209 Datasheet HTML 27Page - Texas Instruments INA209 Datasheet HTML 28Page - Texas Instruments INA209 Datasheet HTML 29Page - Texas Instruments INA209 Datasheet HTML 30Page - Texas Instruments INA209 Datasheet HTML 31Page - Texas Instruments INA209 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
7.6.2.2 Channel-1 Shunt-Voltage Register (address = 01h), [reset = 00h]
This register contains the averaged shunt-voltage measurement for channel 1. This register stores the current
shunt-voltage reading, VSHUNT, for channel 1. Negative numbers are represented in twos complement format.
Generate the twos complement of a negative number by complementing the absolute value binary number and
adding 1. Extend the sign, denoting a negative number by setting MSB = 1.
Full-scale range = 163.8mV (decimal = 7FF8); LSB (SD0): 40μV.
Example: For a value of VSHUNT = –80mV:
1. Take the absolute value: 80mV
2. Translate this number to a whole decimal number (80mV / 40µV) = 2000
3. Convert this number to binary = 011 1110 1000 0_ _ _ (last three bits are set to 0)
4. Complement the binary result = 100 0001 0111 1111
5. Add 1 to the complement to create the twos complement result = 100 0001 1000 0000
6. Extend the sign and create the 16-bit word: 1100 0001 1000 0000 = C180h
Table 7-7. Channel-1 Shunt-Voltage Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
—
—
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-8. Channel-1 Shunt-Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-3
SD11-0
R
0h
Channel-1 shunt-voltage data bits
2-0
Reserved
R
0h
Reserved
7.6.2.3 Channel-1 Bus-Voltage Register (address = 02h) [reset = 00h]
This register stores the bus voltage reading, VBUS, for channel 1. Full-scale range = 32.76V (decimal = 7FF8);
LSB (BD0) = 8mV. Although the input range is 26V, the full-scale range of the ADC scaling is 32.76V. Do not
apply more than 26V.
Table 7-9. Channel-1 Bus-Voltage Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
—
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-10. Channel-1 Bus-Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format.
14-3
BD11-0
R
0h
Channel-1 bus-voltage data bits
2-0
Reserved
R
0h
Reserved
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com