| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA2321 bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA2321 bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA2321EA/250 Active Production TSSOP (PW) | 14 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 INA 2321EA INA2321EA/250.B Active Production TSSOP (PW) | 14 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 INA 2321EA INA2321EA/2K5 Active Production TSSOP (PW) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - INA 2321EA INA2321EA/2K5.B Active Production TSSOP (PW) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 INA 2321EA INA2321EA/2K5G4 Active Production TSSOP (PW) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 INA 2321EA INA2321EA/2K5G4.B Active Production TSSOP (PW) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 INA 2321EA INA321E/250 Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321E/250.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321E/250G4 Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321E/2K5 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321E/2K5.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321EA/250 Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321EA/250.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321EA/250G4 Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321EA/2K5 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 INA321EA/2K5.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -55 to 125 C21 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |