| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DST-SW-DG bảng dữ liệu(PDF) 2 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-DG bảng dữ liệu(HTML) 2 Page - Greenlee Communications |
|
2 / 108 page ![]() 278 COMMUNICATIONS TRUSTED SINCE 1862 NETWORK TESTING www.greenlee.com DataScout™ 10G CUSTOMIZABLE FOR ANY WORKGROUP FASTER TIME TO RESULTS • Ready to test in 25 seconds • Unique DS0 (TIMS) to 10G Ethernet solution • Test multiple services simultaneously SIMPLE TO USE, FAST TO LEARN • Touch screen tablet design • Portrait and landscape modes • Intuitive test configuration • Exportable results RUGGED & RELIABLE • Plug & stay - No modules to lose! • Replaces up to 8 handhelds* • Light yet sturdy aluminum housing • Protective non-slip boot with kickstand DESIGNED FOR: • Service Providers • Utilities • Mobility • Enterprise Test Kits Include: • DataScout 10G analyzer • Universal charger with adapter blades SOFTWARE OPTIONS CAT. NO. DESCRIPTION ETHERNET TEST OPTIONS DS10G-SW-201 Adds dual port 1Gb Ethernet testing DS10G-SW-110 Activates single 10G test interface DS10G-SW-210 Adds dual port 10Gb Ethernet testing DS1 TEST OPTIONS DST-SW-DT1 Adds dual port T1 testing DST-SW-N1 Adds T1 CSU/NIU emulation DST-SW-V Adds DS0 voice analysis DST-SW-E Adds Euro/Asian ISDN-PRI support DST-SW-X Adds DSO drop, insert & bypass DST-SW-DCOM Adds DATACOM DTE/DCE interface testing DST-SW-E1 Adds E1/T1 On-The-Fly testing DS3 TEST OPTIONS DST-SW-H3 Adds DS3 thru-mode testing DST-SW-D1D Adds DS1 drop from DS3 signal DST-SW-NX Adds DS3 CSU/NIU emulation TIMS TEST OPTIONS DST-SW-PRO4 Adds 4-button frequency program DST-SW-4 Adds 4-WIRE 100/135Ω testing DST-SW-EM Adds E&M TYPE I-V signaling, trunk, PBX and Tie Line testing DST-SW-DG Adds measurement of dropouts, hits, amplitude, and phase jitter DST-SW-TON Adds transmit of warble ID tone SPECIFICATIONS Display & Input 7” WVGA LCD touch screen 800x600 resolution Weight (Varies by configuration) 0.91 kg (2.0 lbs) minimum 1.36 kg (3.0 lbs) maximum Dimensions 10 x 6.5 x 2.2 inches (WxHxD) 254 x 165 x 56 millimeters (WxHxD) Operating Temperature Operating Temperature: 10°C to 55°C14°F to 131°F Operating Humidity: 0% to 93% RH non-condensing Storage Temperature: -20°C to 70°C -4°F to 158°F Battery Type: Li Ion battery pack Run Time: 2-8 hours (varies by test mode) External Power: Mains: 110-240VAC, 50-60Hz with adaptors Enclosure: Shell: Rugged 1.5mm extruded aluminum Boot: Rubber with Wi-Fi® antenna storage slot Kickstand: Powder coated steel ENVIRONMENTAL DS10G-HW-B2 CAT. NO. DESCRIPTION TABLET CONTROLLER DS10G-HW-B1 Base Controller Without Datacom Interface DS10G-HW-B2 Base Controller With Datacom Interface TEST INTERFACES DS10-HW-WIFI Wi-Fi® DS10-HW-ETH Dual 10/100/1000T/X & 10G Ethernet DS10-HW-PDH1 Dual DS1 DS10-HW-PDH2 DS3 & Dual DS1 DS10-HW-P ISDN-PRI DS10-HW-DDS Digital Data Services (DDS) DS10-HW-T Transmission Impairment Measurement System (TIMS) CONFIGURATION OPTIONS Wi-Fi® is a registered trademark of the Wi-Fi Alliance. *As compared to competitive network analyzer model Subject to change without notice. |