| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2PSM12G bảng dữ liệu(PDF) 3 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2PSM12G bảng dữ liệu(HTML) 3 Page - nVent Electric plc |
|
3 / 4 page ![]() PROLINE G2 ExtERNaL COmPONENts Joining Accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 3 Spec-01196 F tRaNsPORtatION BasE JOINING KIt, sIdE-tO-sIdE aPPLICatION The PROLINE G2 Transportation Base Joining Kit, Side-to-Side interconnects transportation bases while maintaining the NEMA Type 12 rating. FEatuREs • Maintains NEMA 12 rating between Fully-Sealed Plinth bases • Allows for sealed cable routing between joined cabinets sPECIFICatIONs • Gasket and installation hardware included • Furnished grommet applied to edge of wire feed BULLETIN: P40 Catalog Number Description P2AJT TransportationBaseJoiningKit,Side-to-Side JOINING KIt suPPORt BRaCKEt aPPLICatION The PROLINE G2 Joining Kit Support Bracket is used in conjunction with the standard joining kit if additional support is desired. The kit includes a quantity of 8, 12 gauge, mild steel brackets with mounting hardware. The brackets span the joined frames and can be placed as needed. sPECIFICatIONs • Provides additional support for joined enclosures • Includes (8) brackets with (32) M5 Thread Forming, Torx-Head Screws FINIsH • Polyester powder paint • RAL 7035 textured light gray standard • Custom colors available BULLETIN: P40 Catalog Number Bracket Qty. Screws Qty. P2AJKSB 8 32 |