công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DST-SW-EM bảng dữ liệu(PDF) 50 Page - Greenlee Communications

tên linh kiện DST-SW-EM
Giải thích chi tiết về linh kiện  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLEE [Greenlee Communications]
Trang chủ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM bảng dữ liệu(HTML) 50 Page - Greenlee Communications

Back Button DST-SW-EM Datasheet HTML 46Page - Greenlee Communications DST-SW-EM Datasheet HTML 47Page - Greenlee Communications DST-SW-EM Datasheet HTML 48Page - Greenlee Communications DST-SW-EM Datasheet HTML 49Page - Greenlee Communications DST-SW-EM Datasheet HTML 50Page - Greenlee Communications DST-SW-EM Datasheet HTML 51Page - Greenlee Communications DST-SW-EM Datasheet HTML 52Page - Greenlee Communications DST-SW-EM Datasheet HTML 53Page - Greenlee Communications DST-SW-EM Datasheet HTML 54Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
326
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Fiber Optic Power Meter
• Easy to use - three buttons control all functions
• Loss measurements in (dB); power measurements in (dBm).
• 0.01 dB measurement resolution
• Multi-wavelength storage - store and recall reference power levels
for faster, more efficient measurements
• Snap-On connector interface adapts to FC, SC and ST connectors.
• Long battery life
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
560XL
84485
Fiber Optic Power Meter
T1062
60575
SC/PC UCI Adapter
T1020
60576
FC/PC SOC Adapter
T1030
60577
ST/PC SOC Adapter
SPECIFICATIONS
Environmental
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
SPECIFICATIONS
OPTICAL
Calibration Wavelengths
850 nm, 1300 nm,
1310 nm and 1550 nm
Power Range
+3 dBm to -60 dBm
Accuracy
± 0.25 dB
Linearity
+3dBm to -3dBm
-3dBm to -50dBm
-50dBm to -60dBm
±0.5 dB
±0.5 dB
±0.5 dB
Resolution
0.01 dB
Power Requirements
Two AA size 1.5V batteries
(approx. 100 hours continuous operation)
Connector interface
FC, SC or ST SOC Adapter
Silicon Fiber Optic Power Meter
• Easy to use - three buttons control all functions
• Loss measurements in (dB); power measurements in (dBm)
• 0.01 dB measurement resolution
• Snap on connector interface adapts to FC, SC and ST connectors. Contact
Greenlee for other available adapters.
• Long battery life
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
567XL
00025
XL fiberTOOLS® - Silicon Fiber Optic Power Meter
SPECIFICATIONS
Environmental
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
SPECIFICATIONS
OPTICAL
Detector Type
3 x 3.5 mm Silicon
Calibration Wavelengths
635 nm, 780 nm, and 850 nm
Power Range
+3 dBm to -60 dBm
Accuracy
±0.25 dB
Linearity at:
+3 dBm to -3 dBm
-3 dBm to -50 dBm
-50 dBm to -60 dBm
±0.5 db
±0.05 db
±0.5 db
Resolution
0.01 dB
Power Requirements
Two AA size 1.5V batteries
(approx. 100 hours continuous operation)
Connector Interface
SOC
560XL
567XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com