công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DST-SW-4 bảng dữ liệu(PDF) 99 Page - Greenlee Communications

tên linh kiện DST-SW-4
Giải thích chi tiết về linh kiện  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLEE [Greenlee Communications]
Trang chủ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-4 bảng dữ liệu(HTML) 99 Page - Greenlee Communications

Back Button DST-SW-4 Datasheet HTML 95Page - Greenlee Communications DST-SW-4 Datasheet HTML 96Page - Greenlee Communications DST-SW-4 Datasheet HTML 97Page - Greenlee Communications DST-SW-4 Datasheet HTML 98Page - Greenlee Communications DST-SW-4 Datasheet HTML 99Page - Greenlee Communications DST-SW-4 Datasheet HTML 100Page - Greenlee Communications DST-SW-4 Datasheet HTML 101Page - Greenlee Communications DST-SW-4 Datasheet HTML 102Page - Greenlee Communications DST-SW-4 Datasheet HTML 103Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
375
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
RJ45 - 8P8C (8 Pin)
Flat/Round, Solid/Stranded
RJ45 Unkeyed WE and SS
PA8030
PA1307
PA2061
Western Electric (WE)/Stewart
Connector (SS)
RJ11 & RJ12 - 6P6C,
6P4C, 6P2C
Flat/Round, Solid/Stranded
RJ11 & RJ12 Unkeyed WE
and SS
PA8031
PA1340
PA2062
Western Electric (WE)/Stewart
Connector (SS)
RJ22 Handset - 4P4C
(4 Pin)
Flat/Round, Solid/Stranded
4 Pin Handset WE and SS
PA8032
PA2063
Western Electric (WE)/Stewart
Connector (SS)
RJ45 - 8P8C (8 Pin)
Flat/Round, Solid/Stranded
RJ45 Unkeyed AMP
PA8033
PA1342
PA2064
AMP (Tyco) Inc. Connectors Only
RJ50 - 10P10C (10 Pin)
Flat/Round, Solid/Stranded
RJ50 Unkeyed WE and SS
PA8036
PA1345
PA2068
Virginia Plastics (VP)
British Telecom 6 Pole
Plug
Flat/Round, Solid/Stranded
BT 6 Pole
PA2032
British Telecom Plugs Only
RJ45, AMP/Molex
Connectors for dia.
Cable
6.0mm Dia. Round,
Shielded (STP)
RJ45 STP AMP & Molex,
6.0mm dia. cable
PA2674
AMP (Tyco) Inc. & Molex
CrimpALL® Interchangeable Die Sets for Modular Plugs
CrimpALL® Interchangeable Die Sets for Specialty Crimpers
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
RJ45 WE/SS &
RG6/RG6 Quad CATV
"F"
UTP 4-Pair & RG6/
RG6 Quad
RJ45 WE/SS 8-pin &
0.360" (9.1mm) HEX/0.324"
(8.2mm) HEX
PA8045
PA1387
PA2687
For standard RJ45 WE/SS Modular
Plugs & 1-piece RG6/RG6 Quad
CATV "F" conns.
1300 Series Crimpers
• Fully-ratcheting cycle with built-in safety release
• Interchangeable die sets of heat-treated steel for long life
• Easy to use and maintain
• Available as complete tool with die set inserted or separate tool frame and
individual die sets
• Foam-lined case available to hold frame and 6 die sets together.
• Lifetime warranty on tool; one-year on die sets
• EZI-Change™ die screws make changing dies quick and easy –
no screwdriver required
• Most precise and tightest tolerances on die sets in the industry
• Six ratchet gear settings for optimum crimp performance
CAT. NO.
DESCRIPTION
PA1302
PA2303
Crimp tool frame
Replacement EZI-Change™ die screws (2)
PA2346
Replacement Spring
PA1302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com