| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DST-SW-D1D bảng dữ liệu(PDF) 39 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-D1D bảng dữ liệu(HTML) 39 Page - Greenlee Communications |
|
39 / 108 page ![]() 315 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com www.greenlee.com Optical Fusion Splicer • Designed to meet virtually any FTTx installation – indoors and out. P2P installations including backhaul, cellular, and LAN • Core alignment minimizes splice losses • Fully compatible with Greenlee® Splice-On Connectors. 250 Splice/ Shrink cycles per battery charge SPECIFICATIONS Applicable Fibers SM (G.652); MM (G.651); DS (G.653); NZDS (G.655); BIF (G.657) Fiber Cleaved Length 10mm Cladding Diameter 80 to 150μm Coating Diameter 100 to 1000μm Fiber Count Single Fiber Aligning Method Auto Core Alignment Splice Loss (Typical) 0.02 dB (SM); 0.01 dB (MM); 0.04 dB (DS); 0.04 dB (NZDS & BIF) Splicing Mode 60 Preset / User Definable Modes Splice Time (Typical) 9 seconds (SM) Number Of Splices Per Bat- tery Charge 250 (including 60mm heat shrink cycle) Splice-On-Connector SC, LC, FC, ST Arc Calibration Mode Automatic and Manual Protection Sleeve Length 60mm, 40mm, Micro Sleeves Storage Of Splice Results 5,000 Results Tension Test 2N Fiber Display Magnification 240X Tube Heating Mode 20 Preset / User Definable Modes Adjustable 0-240 seconds Tube Heating Time (Typical) 36 seconds Attenuator Mode 0.1 to 15 dB Electrode Life 3,000 Splices Display 5.7" Color, Turn-Over LCD Connectivity RS-232; USB Operating Conditions Pressure: 0 to 16,404 feet (0 to 5,000 meters) above Sea Level Humidity: 0 to 95% Temperature: 14 to 122°F (-10 to 50°C) Storage Conditions Temperature: -4 to 158°F (-20 to 70°C) Power Supply 100 to 240V AC Adapter; Li-ion Battery (6600 mAh) Weight with Battery 6.92 lbs (3.14 kg) Dimensions (HxWxD) 7.08" x 6.29" x 6.10" (180 x 160 x 155 mm) CAT NO. UPC NO. DESCRIPTION 910FS 01328 Optical Fusion Splicer 910FS-KIT1 01433 Fusion Splicer & Cleaver Kit 910FS-KIT2 01432 Contractor Fusion Splicer Kit 910FS-ELEC 01329 Replacement Electrodes 910FS-PS 01330 Replacement Power Supply 910CL 01331 Optical Fiber Cleaver 910CL-BLADE 01640 Cleaving Wheel 910FS-250 01332 250µm Adapter 910FS-900 01333 900µm Adapter 910FS-BOWTIE 01334 Bowtie Adapter 910FS-SOC-SC-LC 01335 Adapter, Splice-On Connector, SC & LC 910FS-SOC-ST-FC 02401 Adapter, Splice-On Connector, ST & FC 910FS-BATT 01452 Battery (910FS) 910FS-EUR-CORD 02571 European Line Cord 910FS-UK-CORD 02570 UK Line Cord 910FS-CHARG 02641 Battery Charger 910FS-CAR-ADAPTER 25689 12 V DC Car Adapter PA1171 12225 ProGrip 5-in-1 Fiber Optic Stripper PA1171 FIBER OPTIC TEST EQUIPMENT 910FS |