| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA210 bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA210 bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA214AIRSWRG4.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 KRJ INA214AIRSWT Obsolete Production UQFN (RSW) | 10 - - Call TI Call TI -40 to 125 KRJ INA214BIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA214BIDCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA214BIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIDCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SEA INA214BIRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SHU INA214BIRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SHU INA214BIRSWR.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SHU INA214CIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 16G INA214CIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 16G INA214CIDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 16G INA214CIDCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 16G INA214CIDCKT Obsolete Production SC70 (DCK) | 6 - - Call TI Call TI -40 to 125 16G INA214CIRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 16X INA214CIRSWR.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 16X INA214CIRSWRG4 Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 16X INA214CIRSWRG4.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 16X INA214CIRSWT Obsolete Production UQFN (RSW) | 10 - - Call TI Call TI -40 to 125 16X INA215AIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SME INA215AIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SME INA215AIDCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 125 INA215AIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 SME INA215AIDCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 SME INA215BIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 13S INA215BIDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 13S INA215BIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 13S Addendum-Page 5 |