| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DST-SW-X bảng dữ liệu(PDF) 35 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-X bảng dữ liệu(HTML) 35 Page - Greenlee Communications |
|
35 / 108 page ![]() 311 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com Pulser Fault Locator Wire Finder/Mini Locator • Identifies the exact location of even the smallest breaks in insulation by “pulsing” a high-voltage signal that radiates into the earth at the location of the faults. With the A-frame mounted receiver, a visual analog meter points the way to the source of the voltage • Multiple faults on a single wire can be identified indicating the need to replace instead of repair • Extra-long test leads feature heavy-duty alligator clips for use on multiple cable types • Includes a rechargeable transmitter, receiver, A-frame, ground stake, 120V charger and a 12V DC (cigarette lighter) adapter • Battery operated (one 12V and one 9V battery are included) • Molded carrying case included • Traces energized or non-energized wires in walls and drop ceilings • Provides reliable results on buried cables to depths of 3' (1 m) and lengths up to 1000' (308 m) • Determines the approximate depth of the wire before digging • Compact design and easy-to-understand operations • Fully adjustable transmitter and receiver for accurate locating • Quick change test leads for use in any industry, even international power outlets • Voltage protection to allow use on live AC circuits • Automatic shut-off to prevent accidental battery discharge • Housed in a durable, molded carrying case with a quick reference operation guide on the inside of the lid • Battery-operated: (2) 9V batteries included SPECIFICATIONS Power Requirements Transmitter: (1) 12V rechargeable battery Receiver: (1) 9V battery Battery Life Transmitter: 23 hours per charge; Receiver: 200 hours Transmitter Power 2400VDC peak Voltage Protection 240VAC/400VDC Construction Transmitter – aluminum housing in polyethylene case Receiver – powder coated aluminum Dimensions Transmitter – 17" x 8.5" x 6.5" (421 mm x 215 mm x 160 mm) in case Receiver – 33.5" x 21.75" x 3.25" (840 mm x 550 mm x 8 mm) on A-Frame Weight 12.5 lbs. (5.7 kg) complete SPECIFICATIONS Power Requirements (1) 9V each (transmitter and receiver, included) Battery Life Transmitter 35 hours nominal; Receiver 20 hours nominal Transmitter Frequency 447.5kHz Transmitter Power 9Vp-p (11mW) Voltage Protection 240VAC/500VDC Construction Transmitter/Receiver – high-impact ABS plastic, Case – vacuum-formed polyethylene Dimensions Transmitter – 4" x 2.3" x 1" (101.6 x 58.4 x 25.4 mm), Receiver – 6" x 2.35" x 1" (152.4 x 59.7 x 25.4 mm), Case – 9.5" x 8" x 3"(241.3 x 203.2 x 76.2 mm) Weight 2.6 lbs. (1.2 kg) PE2003 Great complement to any buried line cable locator. CAT. NO. UPC NO. DESCRIPTION PE2003 08666 Pulser 2000H 60357 Transmitter (Includes CH1 & CH2) 2000R 60358 Receiver AF2 60482 A-Frame CH1 60360 AC Charger CH2 60361 DC Charger 59F0002 66216 Battery, Replacement (12V 2.5 Ah) CAT. NO. UPC. NO DESCRIPTION 508S 08678 Wire Finder/Mini Locator 508ST 60363 Transmitter 508SR 60364 Receiver CS14 60366 Alligator Clip Cord set CS15 60367 AC Outlet Cord set BURIED FACILITY LOCATION AND MARKING 508S PE2003 |