công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DST-SW-E bảng dữ liệu(PDF) 31 Page - Greenlee Communications

tên linh kiện DST-SW-E
Giải thích chi tiết về linh kiện  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLEE [Greenlee Communications]
Trang chủ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E bảng dữ liệu(HTML) 31 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 27Page - Greenlee Communications DST-SW-E Datasheet HTML 28Page - Greenlee Communications DST-SW-E Datasheet HTML 29Page - Greenlee Communications DST-SW-E Datasheet HTML 30Page - Greenlee Communications DST-SW-E Datasheet HTML 31Page - Greenlee Communications DST-SW-E Datasheet HTML 32Page - Greenlee Communications DST-SW-E Datasheet HTML 33Page - Greenlee Communications DST-SW-E Datasheet HTML 34Page - Greenlee Communications DST-SW-E Datasheet HTML 35Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
307
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
LAN ProNavigator® Tester & Remote
• Simple PASS/FAIL test results in one second allows technicians to quickly
move on to the next test site
• Generates oscillating audio tone for use with tone probes to locate cables
• Tests data and telephone cables up to 320 feet (100 meters) for proper
pairing for EIA/TIA-568A, EIA/TIA-568B, Token Ring, 10 Base T, and
common category 5 configurations
• Tests unshielded UTP and shielded STP data cable
• Detects good connections, open connections, crossed wires and split pairs
• Tests common BNC connected 50 and 75 ohm coaxial cables up to 320
feet (100 meters) for continuity
• Tests coaxial cable types RG58, RG59, RG6, RG6 Quad, Belden 8281, RG8,
RG11 and more
• Belt clips provided and lanyard holes embedded in case to attach
to belt or wrist
• Features low battery test and auto-off function to preserve battery life
• Includes standard 9V battery
CAT. NO.
DESCRIPTION
PA1543
PA901066
PA901074
LAN ProNavigator® test set (main & remote),
2 RJ45 patch cords, 2 belt clips, 12 oz.(342 g)
LAN ProNavigator® test set (main & remote),
2 RJ45 patch cords, 2 BNC coaxial cables,
2 CATV “F”-to-BNC adapters, 1 BNC/BNC adapter,
1 shielded RJ45 coupler, 2 belt clips in durable case
Adapter, CATV “F” (female) to BNC (male)
PA901066
SPECIFICATIONS
MAIN
REMOTE
KIT
Weight
8 oz. (228 g)
2 oz. (57 g)
2 oz. (1140 g)
Dimensions
5.25" x 6.75" x 2.25"
133 mm x 171 mm x 57 mm
3.45" x 1.6" x 0.9"
87 mm x 41 mm x 24 mm
8.5" x 7.6" x 3"
216 mm x 193 mm x 76 mm
NOTE: May not be compatible with CAT-6 flat or oval cable, or bonded cable.
PA1543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com