| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2ALB30 bảng dữ liệu(PDF) 3 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2ALB30 bảng dữ liệu(HTML) 3 Page - nVent Electric plc |
|
3 / 4 page ![]() PROLINE G2 ExtERNaL COmPONENts Top and Cover aCCessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 3 Spec-01194 D dRIP sHIELd aPPLICatION The PROLINE G2 Drip Shield is used on the inside of the door to provide additional protection from liquid and contaminants. The frame of the PROLINE G2 includes a flange trough collar to protect the interior from dust and debris settling on the top of the enclosure. The Drip Shield effectively increases the depth of the trough, and provides additional protection for Type 3R applications. sPECIfICatIONs • Provides additional protection from liquid contaminants and debris • Mounted inside the door cover; directly on the top through the M12 mounting holes. • Can be mounted on either the front or rear of the enclosure (running left-to-right only). • All mounting hardware included • 16 gauge mild steel fINIsH • Polyester powder paint • RAL 7035 textured light gray standard • Custom colors available Bulletin: p40 Catalog Number Length (mm) Length (in.) P2ADS4 379 14.9 P2ADS6 579 22.8 P2ADS8 779 30.7 P2ADS10 979 38.5 P2ADS12 1179 46.4 P2ADS16 1579 62.2 P2ADS18 1779 70.0 dust COvER aPPLICatION The PROLINE G2 Dust Cover can be used across the top of joined enclosures to provide a finished appearance. The Dust Cover is not required to maintain a Type 12 rating. It is purely for enhanced aesthetics. sPECIfICatIONs • Provides a finished appearance across the top of the joined enclosures • Not required to maintain Type 12 rating • 16 gauge mild steel fINIsH • Polyester powder paint • RAL 7035 textured light gray standard • Custom colors available Bulletin: p40 Catalog Number Length (mm) Length (in.) P2ADC4 364 14.3 P2ADC5 464 18.3 P2ADC6 564 22.2 P2ADC8 764 30.1 P2ADC10 964 38.0 WaLL BRaCkEts The PROLINE G2 Anti-Tip Bracket Kit secures the top of an enclosure to a fixed surface such as a wall, and protects against enclosure tipping. The brackets are made from 10 gauge mild steel, and are Polyester powder-painted RAL 7035 textured light gray. The kit comes with a single pair of brackets and mounting hardware to affix brackets to the enclosure. The PROLINE G2 Wall Bracket Kit secures both the top and bottom of an enclosure to a fixed surface such as a wall. The same brackets are used in both the Anti-Tip and Wall Bracket kits. The Wall Bracket kit comes with two pairs of brackets and mounting hardware to affix brackets to the enclosure. The bracket kit is rated to 800 lbs. (363 kg). Note: mounting hardware for securing brackets to the wall is not sold by Hoffman, and is the responsibility of the customer. Bulletin: p40 Catalog Number Description P2AATB Anti-Tip Bracket Kit P2AWB Wall Bracket Kit |