công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A18SBASE bảng dữ liệu(PDF) 1 Page - nVent Electric plc

tên linh kiện A18SBASE
Giải thích chi tiết về linh kiện  Pedestals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

A18SBASE bảng dữ liệu(HTML) 1 Page - nVent Electric plc

  A18SBASE Datasheet HTML 1Page - nVent Electric plc A18SBASE Datasheet HTML 2Page - nVent Electric plc A18SBASE Datasheet HTML 3Page - nVent Electric plc A18SBASE Datasheet HTML 4Page - nVent Electric plc A18SBASE Datasheet HTML 5Page - nVent Electric plc A18SBASE Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mounting options Pedestals and Pedestal accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
HMi (HuMan-MacHine interface)
1
Spec-00485 L
Spec-00485
pedestals
Pedestals enable many types of enclosures and boxes to be floor
mounted. Four columns and two bases are available. Columns can
be mounted on either base, through the vertical column or directly
to the enclosure. A cutout must be made in the enclosure if the
wires are to come through the column.
Columns have flanges at each end and a gasketed access plate.
Screws, oil-resistant gaskets and box connector fitting are
furnished with each column for joining an enclosure to the top of
the column. Columns are 14 gauge steel with 10 gauge flanges.
18.00 x 18.00-in. (457 x 457-mm) base is .19-in. (5-mm) steel and
24.00 x 24.00-in. (610 x 610-mm) base is .25-in. (6-mm) steel. Both
bases have leveling screws and holes for bolting to the floor. Finish
on bases and columns is ANSI 61 gray polyester powder coating
over pretreated surfaces. Bases and columns must be ordered
separately.
The user would normally remove the mounting brackets from the
enclosure if the enclosure is mounted on a pedestal. Hoffman can
supply enclosures without mounting brackets and with cutouts.
Consult Hoffman for more information.
Bulletin: p1
Catalog Number
AxBxC mm/in.
Description
C
mm/in.
D
mm/in.
F
mm/in.
H
mm/in.
M
mm/in.
N
mm/in.
P
mm/in.
S
mm/in.
T
mm/in.
A44CCOL
889 x 102 x 102
35.00 x 4.00 x 4.00
Straight Pedestal Column
—
—
95
3.75
70
2.75
—
—
184
7.25
152
6.00
—
—
—
—
—
—
A44PBCOL
1041 x 102 x 102
41.00 x 4.00 x 4.00
Angled Pedestal Column
—
—
95
3.75
70
2.75
—
—
184
7.25
152
6.00
—
—
70
2.75
52
2.06
A66CCOL
889 x 152 x 152
35.00 x 6.00 x 6.00
Straight Pedestal Column
—
—
146
5.75
121
4.75
—
—
203
8.00
171
6.75
—
—
—
—
—
—
A66PBCOL
1041 x 152 x 152
41.00 x 6.00 x 6.00
Angled Pedestal Column
—
—
146
5.75
121
4.75
—
—
203
8.00
171
6.75
—
—
73
2.88
28
1.12
A18SBASE
457 x 457
18.00 x 18.00
Pedestal Base
457
18.00
—
—
—
—
25
1.00
—
—
—
—
16
.62
—
—
—
—
A24SBASE
610 x 610
24.00 x 24.00
Pedestal Base
610
24.00
—
—
—
—
28
1.12
—
—
—
—
17
.69
—
—
—
—


Số phần tương tự - A18SBASE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
A18SBASE ETC2-A18SBASE Datasheet
310Kb / 2P
HMI - Human-Machine Interface: Consolets
More results


Html Pages

1 2 3 4 5 6