| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9969T bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9969T bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 70 page ![]() The device number is defined once to allow identification of different IC-Types by software. The revision number may be utilized to distinguish different states of hardware. The content is divided in an upper 4-bit field reserved to define revisions corresponding to specific Software Releases. The lowest 4-bit field is utilized to identify the actual mask set. Both (SWR and MSR) will start with 0000b and are increased by 1 every time a corresponding modification of the hardware is introduced. Table 30. Register ID_REG Bit 7 6 5 4 3 2 1 0 Bit-Name ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 POR 1 1 0 1 1 1 1 1 SPIR 1 1 0 1 1 1 1 1 ENDISR x x x x x x x x DISR x x x x x x x x RDR x x x x x x x x Controller access: read only (read-access: RD_ID) Bit Name Description 7..0 ID7...ID0 Device number: 0xDF Table 31. Register REV_REG Bit 7 6 5 4 3 2 1 0 Bit-Name SWR3 SWR2 SWR1 SWR0 MSR3 MSR2 MSR1 MSR0 POR 0 1 0 0 0 0 0 0 SPIR 0 1 0 0 0 0 0 0 ENDISR x x x x x x x x DISR x x x x x x x x RDR x x x x x x x x Controller access: read only (read-access: RD_REV) Bit Name Description 7..4 SWR3...SWR0 Revision corresponding to software release: 4hex 3..0 MSR3...MSR0 Revision corresponding to mask set: 3hex L9969x Functional description DS14029 - Rev 6 page 45/70 |