| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9965P-FP bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 104 page ![]() Table 55. ERCAP - 0x0B Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 6 4 0x0 nPOR_MAIN ERDCHSW_OV CR 5 1 0x0 nPOR_MAIN 0 = ERDCHSW below OV threshold 1 = ERDCHSW above OV threshold ERDCHSW_EN RW 4 1 0x0 ERDCHSW_RST_N 0 = ERDCHSW disabled 1 = ERDCHSW enabled (reset during ERCAP diag or when arming starts) ERCAP_OUT_OF_RANGE CR 3 1 0x0 nPOR_MAIN 0 = ERCAP test good 1 = ERCAP test fails (out of range) ERCAP_DIAG_END_TO CR 2 1 0x0 nPOR_MAIN 0 = ERCAP test good 1 = ERCAP test fail (timeout) ERCAP_HIGH_ESR CR 1 1 0x0 nPOR_MAIN 0 = ERCAP test good 1 = ERCAP test fails (high ESR) ERCAP_LOW_C CR 0 1 0x0 nPOR_MAIN 0 = ERCAP test good 1 = ERCAP test fails (low capacitance) Table 56. ERCAP_DIAG_CAP_READ_0 - 0x0C Field name Type Bit offset Bit width Reset value Reset sources Description CAP_VALUE_LSB RO 0 10 0x0 nPOR_MAIN LSB of capacitance value Table 57. ERCAP_DIAG_CAP_READ_1 - 0x0D Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 4 6 0x0 nPOR_MAIN CAP_VALUE_MSB RO 0 4 0x0 nPOR_MAIN MSB of capacitance value Table 58. ERCAP_DIAG_ESR_READ_0 - 0x0E Field name Type Bit offset Bit width Reset value Reset sources Description ESR_VALUE_LSB RO 0 10 0x0 nPOR_MAIN LSB of ESR value Table 59. ERCAP_DIAG_ESR_READ_1 - 0x0F Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 3 7 0x0 nPOR_MAIN ESR_VALUE_MSB RO 0 3 0x0 nPOR_MAIN MSB of ESR value L9965P Functional description DS14702 - Rev 4 page 71/104 |