| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9965TS bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965TS bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 62 page ![]() 3.3 Thermal ratings All device electrical parameters are tested and guaranteed in the temperature operating conditions reported in Table 5 below, unless otherwise noted. Table 5. Temperature ranges and thermal data Symbol Parameter Min Typ Max Unit T amb Operating temperature (ECU environment) -40 125 °C T j Operating junction temperature -40 150 °C T stg Storage temperature -65 150 °C RTh j-a Thermal resistance junction-to-ambient(1) (2) 54 °C/W 1. For each die 2. Evaluated according to Jedec JESD51-2, -5, -7 guideline with a 2s2p thermally enhanced PC L9965T/L9965TS Device ratings DS14987 - Rev 1 page 10/62 |