| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9965T bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965T bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 62 page ![]() Table 27. Status bit outputs to SPI FAULT bit and FLT pin Event Status bit SPI FAULT FLT Pin Mask FAULT-WAKEUP tone received from VIF GEN_STATUS2. WAKEUP_FAULT_VIF X X CYCLIC WAKEUP tone received from VIF, when not in listener mode in CYCLIC_WAKEUP state GEN_STATUS2. WAKEUP_CYCLIC_VIF X X CYCLIC_WAKEUP Listener Tone Timeout GEN_STATUS2. WAKEUP_CYCLIC_TRX_TIMEOUT X X CYCLIC_WAKEUP diagnosis phase timeout GEN_CFG5. WAKEUP_CYCLIC_END X X VB pin undervoltage GEN_STATUS1.VB_UV X X GEN_CFG3.MSK_VB_UV V3V3 internal regulator overvoltage GEN_STATUS1.V3V3_INT_OV X X GEN_CFG3.MSK_V3V3_INT_OV V5V regulator overvoltage GEN_STATUS1.V5V_OV X X GEN_CFG3.MSK_V5V_OV V5V regulator undervoltage GEN_STATUS1.V5V_UV X X GEN_CFG3.MSK_V5V_UV V5V regulator overcurrent GEN_STATUS3.V5V_OC X X GEN_CFG3.MSK_V5V_OC Thermal shutdown GEN_STATUS3.TSD X X GEN_CFG3.MSK_TSD WKP pin overtemperature GEN_STATUS1.WKP_OT X X GEN_CFG3.MSK_WKP_OT Ground loss GEN_STATUS1.GND_LOSS X X GEN_CFG3.MSK_GND_LOSS NVM trimming data integrity check fail at download GEN_STATUS3. TRIM_NVM_CRC_FAIL X X GENERAL_REG.NVM_CRC_FAIL_MSK NVM configuration data integrity check fail at download GEN_STATUS3. CONF_NVM_CRC_FAIL X X GENERAL_REG.NVM_CRC_FAIL_MSK NVM trimming data integrity cyclic check fail GEN_STATUS1. TRIM_CYC_CRC_FAIL X X GENERAL_REG.CYC_CRC_DIS NVM configuration data integrity cyclic check fail GEN_STATUS1. CONF_CYC_CRC_FAIL X X GENERAL_REG.CYC_CRC_DIS Analog BIST fail GEN_STATUS3.BIST_ANA_FAIL X X GEN_CFG3.MSK_BIST_ANA_FAIL Oscillator fail GEN_STATUS1.OSC_FAIL X X GEN_CFG3.MSK_OSC_FAIL Oscillator monitor fail GEN_STATUS3. BIST_OSC_FAIL X X GEN_CFG3.MSK_BIST_OSC_FAIL WKP pin error GEN_STATUS1.WKP_ERR X X GEN_CFG3.MSK_WKP_ERR BNE pin error GEN_STATUS1.BNE_ERR X X GEN_CFG3.MSK_BNE_ERR VIF frame error GEN_STATUS1.ISO_ERR X X GEN_CFG2.MSK_ISO_ERR VIF RX FIFO full GEN_STATUS1.FIFO_RX_FULL X X GEN_CFG3.MSK_FIFO_RX_FULL VIF TX FIFO full GEN_STATUS1.FIFO_TX_FULL X X GEN_CFG3.MSK_FIFO_TX_FULL FLT pin error GEN_STATUS1.FLT_ERR X GEN_CFG3.MSK_FLT_ERR 5.7.1.3 CRC To guarantee information integrity, each SPI frame embeds a 6-bit CRC code. L9965T/L9965TS Functional description DS14987 - Rev 1 page 28/62 |