| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9965P-FN bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FN bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 104 page ![]() 3.14.2.1 SPI read/write registers Note: • nPOR_MAIN is asserted when the IC moves from ACTIVE to DEEP-SLEEP. • nPOR_SLEEP is used to retain data in DEEP-SLEEP state, and it is asserted when the battery is removed. Table 44. BMS_ID - 0x00 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 8 2 0x0 nPOR_MAIN BMS_ID RO 0 8 0x0 nPOR_MAIN 0x060 Table 45. CHIP_ID - 0x01 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 8 2 0x0 nPOR_MAIN SILICON_ID RO 5 3 X X 0x1 = A version METAL_ID RO 0 5 X X 0x1 = A version 0x2 = B version Table 46. FAULT_DIAG_CONFIG - 0x02 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RW 4 6 0x0 nPOR_MAIN FENL_INT_CHECK_EN RW 3 1 0x0 nPOR_SLEEP 0 = Integrity check masked 1 = Integrity check enabled FENH_INT_CHECK_EN RW 2 1 0x0 nPOR_SLEEP 0 = Integrity check masked 1 = Integrity check enabled FAULTN_FORCE RW 1 1 0x0 nPOR_MAIN 0 = FAULTN forced high 1 = FAULTN forced low FAULTN_CYCLIC_PULSE RW 0 1 0x0 nPOR_MAIN 0 = FAULTN pulses generation disabled 1 = FAULTN pulses generation enabled Table 47. FENH_L_CONFIG - 0x03 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RW 2 8 0x0 nPOR_MAIN FENL_MODE RW 1 1 0x0 nPOR_MAIN 0 = Level based decoding 1 = PWM based decoding FENH_MODE RW 0 1 0x0 nPOR_MAIN 0 = Level based decoding 1 = PWM based decoding L9965P Functional description DS14702 - Rev 4 page 67/104 |