| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9942 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9942 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 40 page ![]() L9942 Electrical specifications Doc ID 11778 Rev 7 19/40 Note: Current profile has to pre set with I4 I3 I2 I1 I0 = 11111 and load to register 1. Output current limit IQxnLIM is product of full scale current |IQxnFS_ | (bits DC2 DC1 DC0) and value of DAC Phase A/B (bits I4 I3 I2 I1 I0) in register1. Values of DAC Phase A and B can read out and depends on set up done before: 1. direction DIR, stepping mode ST1 ST0 and phase counter P4 P3 P2 P1 P0 in register 0 and 2. value of corresponding current profile (for address of current profile entry see also Figure 3). Figure 7. Logic to set load current limit Register 0 UP/Down STEP I4 I3 I2 I1 I0 Count by 1,2,4,8 A0 A1 A2 A3 MUX A0 A1 A2 0 0 0 0 1 23 01 2 3 0 1 2 3 Current-Profile Table stored in register2, ...6 A3=0 Adr A[3..0] Phase A Profile 8 Address Calculation I4 I3 I2 I1 I0 Profile 7 I4 I3 I2 I1 I0 Profile 6 I4 I3 I2 I1 I0 Profile 5 I4 I3 I2 I1 I0 Profile 4 I4 I3 I2 I1 I0 Profile 3 I4 I3 I2 I1 I0 Profile 2 I4 I3 I2 I1 I0 Profile 1 I4 I3 I2 I1 I0 Profile 0 5 5 5 5 5 5 5 5 5 A3=1 Adr neg(A[3..0]) A3=0 Adr neg(A[3..0]) Phase B A3=1 Adr A[3..0] Register 1 9 5 DIR P0 P1 P2 P3 P4 PhaseCounter StepMode SR0 SR1 ST1 ST0 Slew Rate DM2 DM1 DM0 MUX MUX I0 I1 I2 I3 I4 I0 I1 I2 I3 I4 DAC Phase B DAC Phase A Decay Mode 5 bit DAC Phase A 5 bit DAC Phase B DC0 DC1 DC2 DAC Scale DAC Full Scale REF REF I MAX I LIMIT B LIMIT A I DI QB1 QB2 QA1 QA2 Qx1LIM I Qx2LIM I QA1LIM I 1000 QB2LIM I 1000 QB1LIM I 1000 QA2LIM I 1000 |