| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9935 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9935 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 29 page ![]() Functional description L9935 24/29 Doc ID 5198 Rev 10 Table 11. Half step mode control sequences and diagnosis response SDI SDO Error cases and SDObit7, bit6 -- A O P E N B O P E N A1 S H O R T VS A2 S H O R T VS B1 S H O R T VS B2 S H O R T VS A1 (1) S H O R T GND A2 (1) S H O R T GND B1 (1) S H O R T GND B2 (1) S H O R T GND therm. therm. alarm shut down (reset operating codes) bit 76543210 76543210 76 76 76 76 76 76 76 76 76 76 76 76543210 XX111111 XX011111 XX011111 XX011111 XX011011 XX111011 XX010011 XX010111 XX010010 XX110010 XX011010 XX011110 XX011011 XX111011 XX010011 XX010111 XX010010 XX110010 previous code 11111111 11011111 11011111 11011111 11011111 11011011 11111011 11010011 11010111 11110010 11011010 11011110 11011011 11111011 11010011 11010111 11010010 11 11 11 11 11 01 11 11 11 01 11 11 11 01 11 11 11 11 11 11 11 11 11 11 01 11 11 11 01 11 11 11 01 11 11 11 11 11 11 01 01 01 01 01 11 11 01 01 01 01 01 11 01 01 01 01 01 11 11 11 01 01 01 01 01 11 11 11 11 11 11 11 11 11 11 01 01 01 01 01 11 11 11 01 01 11 11 11 11 01 01 01 01 11 11 11 01 01 01 01 01 11 11 10 10 10 10 01 11 11 11 11 10 01 10 01 11 11 11 11 11 11 11 11 11 10 10 10 01 11 11 11 11 10 10 10 11 11 11 11 10 10 10 01 11 11 11 11 10 10 10 01 11 11 11 11 11 11 11 11 11 10 10 10 01 11 11 11 11 10 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 00111111 1. Motor resistance approximately 10 and V S = 12V. So a short to ground only is detected on one branch of the bridge. Lower resistivity of the motor may lead to detection of short to ground on both branches of the bridge leading to code 10 on all steps. |