công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8541Y/2K bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện DAC8541Y/2K
Giải thích chi tiết về linh kiện  16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8541Y/2K bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button DAC8541Y/2K Datasheet HTML 14Page - Texas Instruments DAC8541Y/2K Datasheet HTML 15Page - Texas Instruments DAC8541Y/2K Datasheet HTML 16Page - Texas Instruments DAC8541Y/2K Datasheet HTML 17Page - Texas Instruments DAC8541Y/2K Datasheet HTML 18Page - Texas Instruments DAC8541Y/2K Datasheet HTML 19Page - Texas Instruments DAC8541Y/2K Datasheet HTML 20Page - Texas Instruments DAC8541Y/2K Datasheet HTML 21Page - Texas Instruments DAC8541Y/2K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DAC8541
SLAS353 − DECEMBER 2001
18
www.ti.com
APPLICATION INFORMATION
16 Bits
D[15:0]
CS
R/W
LDAC
VREFL
DGND
AVDD
DVDD
VOUTSENSE
VOUT
VREFH
AGND
(Other Connections Omitted for Clarity)
0.1
µF
1 to 10
µF
0.1
µF
10
µF
0.1
µF
10
µF
AVDD
DVDD
VOUT
VREF
D[15:0]
A[23:0]
IOSTRB
R/W
XF(I/O)
TMS320C5402
DAC8541
Address
Decoder
EN
Figure 33. DAC8541 to TMS320 DSP
bipolar operation using the DAC8541
The DAC8541 has been designed for single-supply operation but a bipolar output range is also possible using
the circuit shown in Figure 34. The circuit allows the DAC8541 to achieve an analog output range of
±5 V.
Rail-to-rail operation at the amplifier output is achievable using an OPA703 as the output amplifier.
Setting BTC/USB = 1, sets the DAC into binary 2s complement I/O format for the bipolar VOUT configuration.
When operated with BTC/USB set high, the output voltage for any input code can be calculated as follows:
V
OUT +
V
REF
H
D
65536
R1
) R2
R1
* V
REF
H
R2
R1
where D represents the input code in decimal, unipolar straight binary (0–65535) and VREFL = AGND.
With VREFH = 5 V, R1 = R2 = 10 kΩ:
V
OUT +
10
D
65536
* 5V
This is an output voltage range of
±5 V with 8000h corresponding to a –5 V output and 7FFFh corresponding
to a 5 V output. Bipolar zero is given by 0000h applied to the DAC.
VOUT
VOUTSense
VREFH
VREFL
R1 = 10 k
Ω
5 V
−5 V
R2 = 10 k
Ω
±5 V
DAC8541
0.1
µF
10
µF
5 V
(Other Pins Omitted for Clarity)
OPA703
−
+
Figure 34. Bipolar Operation With the DAC8541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com