| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC7573IPWR bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC7573IPWR bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 37 page ![]() www.ti.com Master Transmitter Writing to a Slave Receiver (DAC7573) in HS Mode DAC7573 SLAS398 – SEPTEMBER 2003 When writing data to the DAC7573 in HS-mode, the master begins to transmit what is called the HS-Master Code (0000 1XXX) in F/S-mode. No device is allowed to acknowledge the HS-Master Code, so the HS-Master Code is followed by a NOT acknowledge. The master then switches to HS-mode and issues a repeated start condition, followed by the address byte (with R/W = 0) after which the DAC7573 acknowledges by pulling SDA low. This address byte is usually followed by the control byte, which is also acknowledged by the DAC7573. The LSB of the control byte (PD0-Bit) determines if the following data is power-down data or regular data. With (PD0-Bit = 0) the DAC7573 expects to receive data in the following sequence HIGH-BYTE – LOW-BYTE – HIGH-BYTE – LOW-BYTE...., until a STOP condition or repeated start condition on the I 2C-Bus is recognized (refer to Table 5 HS-MODE WRITE SEQUENCE - DATA). With (PD0-Bit = 1) the DAC7573 expects to receive 2 bytes of power-down data (refer to Table 5 HS-MODE WRITE SEQUENCE - POWER DOWN). Table 5. Master Transmitter Writes to Slave Receiver (DAC7573) in HS-Mode HS MODE WRITE SEQUENCE - DATA Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 0 0 0 0 1 X X X HS mode master code No device may acknowledge HS mas- NONE Not acknowledge ter code Master Repeated start Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W=0) DAC7573 DAC7573 acknowledges Master 0 0 Load 1 Load 0 0 Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0=0) DAC7573 DAC7573 acknowledges Master D11 D10 D9 D8 D7 D6 D5 D4 Writing data word, MSB DAC7573 DAC7573 acknowledges Master D3 D2 D1 D0 x x x x Writing data word, LSB DAC7573 DAC7573 acknowledges Master Data or stop or repeated start(1) Data or done (2) HS MODE WRITE SEQUENCE - POWER DOWN Transmitter MSB 6 5 4 3 2 1 LSB Comment Master Start Begin sequence Master 0 0 0 0 1 X X X HS mode master code No device may acknowledge HS mas- NONE Not acknowledge ter code Master Repeated start Master 1 0 0 1 1 A1 A0 R/W Write addressing (R/W = 0) DAC7573 DAC7573 acknowledges Master 0 0 Load 1 Load 2 0 Buff Sel 1 Buff Sel 0 PD0 Control byte (PD0=1) DAC7573 DAC7573 acknowledges Master PD1 PD2 0 0 0 0 0 0 Writing data word, high byte DAC7573 DAC7573 acknowledges Master 0 0 0 0 x x x x Writing data word, low byte DAC7573 DAC7573 acknowledges Master Stop or repeated start(1) Done (1) Use repeated start to secure bus operation and loop back to the stage of write addressing for next Write. (2) Once DAC7573 is properly addressed and control byte is sent, high-byte-low-byte sequences can repeat until a stop or repeated start condition is received. 20 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |