| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2592RGVR bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2592RGVR bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() CC2530 RF_P RXTX RF_N RF_P RXTX RF_N CC2592 ANT LNA_EN HGM VDD RF_P PA_EN RF_N R81 VDD VDD C101 L101 L102 C109 C103 C151 C106 C131 P1.0 P0.7 P1.1 SMA L103 C105 C107 C108 RF_P RF_N Alternatively to VDD/GND/MCU CC2592 www.ti.com SWRS159 – FEBRUARY 2014 9 Connecting the CC2592 Device to a CC25xx Device Table 9-1 shows the control logic for connecting CC2592 to a CC25xx device. Table 9-1. Control Logic for Connecting CC2592 to a CC25xx Device PA_EN LNA_EN HGM Mode of Operation 0 0 X Power Down X 1 0 RX Low-Gain Mode X 1 1 RX High-Gain Mode 1 0 X TX Figure 9-1 shows the application circuit for the CC2592 and CC253X devices. Figure 9-1. Application Circuit Example for CC2530 + CC2592 Copyright © 2014, Texas Instruments Incorporated Connecting the CC2592 Device to a CC25xx Device 13 Submit Documentation Feedback Product Folder Links: CC2592 |